Electronic Components Datasheet Search
  English  ▼

X  

01393 Datasheet(PDF) 1 Page - Wiha Tools

Part # 01393
Description  Wiha Hex L-Keys. Metric Sizes.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01393 Datasheet(HTML) 1 Page - Wiha Tools

  01393 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
113
Wiha Hex L-Keys.
Metric Sizes.
Ballpoint Hex L-Keys.
369
Ballpoint Hex L-Key, Long.
Blade:
Chrome-vanadium steel, through hardened, chrome-plated.
Standards:
Profile, length and hardness according to ISO 2936L.
Application:
Especially for screws that are difficult to access.
Extra:
The ballpoint enables the user to work at angles up to 25°.
Order-No.
01392 9
1.5
91
15
10
0.86
01393 6
2
101
18
10
0.86
01395 0
2.5
113
20
10
0.91
01396 7
3
128
23
10
0.95
01398 1
4
142
29
10
1.29
01400 1
5
163
33
10
1.46
01402 5
6
184
38
10
1.85
07922 2
7
195
39
5
2.90
01404 9
8
206
44
10
3.10
01406 3
10
231
50
5
4.15
01408 7
12
259
57
5
5.70
SB 369
Ballpoint Hex L-Key, Long.
Blister Packed.
Order-No.
08161 4
1.5
91
15
10
1.73
08162 1
2
101
18
10
1.81
08163 8
2.5
113
20
10
1.85
08164 5
3
128
23
10
1.96
08165 2
4
142
29
10
2.19
08166 9
5
163
33
10
2.30
08167 6
6
184
38
10
2.81
08168 3
8
206
44
5
3.81
08169 0
10
231
50
5
4.90
08170 6
12
259
57
5
6.50
Ballpoint Hex L-Keys Sets and Display.
369 S9
Ballpoint Hex L-Key Set in ProStar.
Chrome-plated, 9 pcs.
Blade:
Chrome-vanadium steel, through hardened, chrome-plated.
Standards:
Profile, length and hardness according to ISO 2936L.
Application:
Especially for screws that are difficult to access.
Extra:
Space saving ProStar allows the easy removal of each key without moving
any others.
The ballpoint enables the user to work at angles up to 25°.
Order-No.
07185 1
369 S9
5
18.10
369
1.522.53456810
SB 369 S9
Ballpoint Hex L-Key Set in ProStar.
Chrome-plated, 9 pcs.
Blister Packed.
Order-No.
07192 9
SB 369 S9
5
17.30
369
1.522.53456810
369 SVH1
Display Ballpoint Hex L-Key Sets.
Chrome-plated, in ProStar, 9 pcs.
Carton Display with 10 Pieces.
Order-No.
Content
07194 3
10 x 369 S9
1.5 - 10
1
180.60
25º
25º
25º


Similar Part No. - 01393

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
013933-000 MACOM-013933-000 Datasheet
152Kb / 2P
BOOT, STRAIGHT, OVEREXPANDED
More results

Similar Description - 01393

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4411 ETC2-4411 Datasheet
26Kb / 1P
Hex Keys
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
35305 ETC2-35305 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
35307 ETC2-35307 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
27515 ETC2-27515 Datasheet
171Kb / 1P
Wiha Precision ESD Safe Hex Drivers
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
36941 ETC2-36941 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
36962 ETC2-36962 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
481-0095M-GR ETC2-481-0095M-GR Datasheet
76Kb / 2P
Metric Hex Nut
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com