Electronic Components Datasheet Search
  English  ▼

X  

PCH Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCH
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCH Datasheet(HTML) 2 Page - Nichicon corporation

  PCH Datasheet HTML 1Page - Nichicon corporation PCH Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
59
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCH
Dimensions
72
46
60
34
44
32
38
26
82
50
78
38
46
36
40
28
86
54
82
40
48
38
40
30
96
62
88
44
50
42
40
32
100
72
90
52
68
50
50
38
102
90
96
56
70
54
56
48
100
76
70
66
56
36
23
30
17
22
16
19
13
41
25
39
19
23
18
20
14
43
27
41
20
24
19
20
15
48
31
44
22
25
21
20
16
50
36
45
26
34
25
25
19
51
45
48
28
35
27
28
24
50
38
35
33
28
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
6.3 × 8
8 × 10
8 × 12
10 × 10
10 × 12.7
31
PCH1C121MCL1GS
PCH1C221MCL4GS
PCH1C221MCL1GS
PCH1C471MCL6GS
PCH1C471MCL1GS
PCH1C561MCL1GS
PCH1C681MCL1GS
PCH1C102MCL1GS
PCH1D101MCL1GS
PCH1D151MCL4GS
PCH1D151MCL1GS
PCH1D331MCL6GS
PCH1D331MCL1GS
PCH1D471MCL1GS
PCH1D561MCL1GS
PCH1D681MCL1GS
PCH1E560MCL1GS
PCH1E101MCL4GS
PCH1E101MCL1GS
PCH1E221MCL6GS
PCH1E221MCL1GS
PCH1E271MCL1GS
PCH1E331MCL1GS
PCH1E471MCL1GS
PCH1V470MCL1GS
PCH1V680MCL4GS
PCH1V680MCL1GS
PCH1V151MCL6GS
PCH1V151MCL1GS
PCH1V221MCL1GS
PCH1V271MCL1GS
PCH1V331MCL1GS
PCH1H220MCL1GS
PCH1H390MCL4GS
PCH1H390MCL1GS
PCH1H820MCL6GS
PCH1H820MCL1GS
PCH1H121MCL2GS
PCH1H121MCL1GS
PCH1H181MCL1GS
PCH1J120MCL1GS
PCH1J220MCL4GS
PCH1J220MCL1GS
PCH1J390MCL1GS
PCH1J470MCL1GS
PCH1J560MCL1GS
PCH1J680MCL1GS
PCH1J101MCL1GS
PCH1K120MCL1GS
PCH1K270MCL1GS
PCH1K390MCL1GS
PCH1K470MCL1GS
PCH1K680MCL1GS
900
1500
1100
2400
1900
2700
2300
2500
900
1200
800
2300
1800
2500
2200
3000
900
1100
800
2300
1800
2300
2200
2900
800
1100
800
2200
1800
2300
2200
2800
700
900
900
2100
1600
2100
2100
2500
700
800
800
1900
1500
2100
2000
2100
800
1000
1100
1200
1500
25
(1E)
35
(1V)
63
50
(1H)
20
16
(1C)
25
20
(1D)
100
80
(1K)
63
(1J)
79
43
120
220
220
470
470
560
680
1000
100
150
150
330
330
470
560
680
56
100
100
220
220
270
330
470
47
68
68
150
150
220
270
330
22
39
39
82
82
120
120
180
12
22
22
39
47
56
68
100
12
27
39
47
68
Rated Voltage
(V)(code)
Surge Voltage
(V)
Rated Capacitance
(µF)
Case Size
φD × L (mm)
tan δ
Part Number
Low temp.
ESR after
Endurance
(m )
(-40°C / 100kHz)
Rated Ripple
(mArms)
(135°C / 100kHz)
Initial
ESR
(m )
(20°C / 100kHz)
: In this case, 6 will be put at 12th digit of type numbering system.
: In this case, 4 will be put at 12th digit of type numbering system.
: In this case, 2 will be put at 12th digit of type numbering system.
No marked, 1 will be put at 12th digit of type numbering system.
Rated ripple current (mArms) at 135°C 100kHz
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given in page 18, 19.
Please refer to page 3 for the minimum order quantity.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com