Electronic Components Datasheet Search
  English  ▼

X  

RS431BA Datasheet(PDF) 2 Page - Orister Corporation

Part # RS431BA
Description  Adjustable Precision Shunt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS431BA Datasheet(HTML) 2 Page - Orister Corporation

  RS431BA Datasheet HTML 1Page - Orister Corporation RS431BA Datasheet HTML 2Page - Orister Corporation RS431BA Datasheet HTML 3Page - Orister Corporation RS431BA Datasheet HTML 4Page - Orister Corporation RS431BA Datasheet HTML 5Page - Orister Corporation RS431BA Datasheet HTML 6Page - Orister Corporation RS431BA Datasheet HTML 7Page - Orister Corporation RS431BA Datasheet HTML 8Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page No. : 2/2
DS-RS431-03 October, 2007
www.Orister.com
Functional Block Diagram & Symbol
Test Circuits
Electrical Characteristics (T
A=25
oC unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
0.4%
2.49
2.50
2.51
Reference Input Voltage
(Fig1)
0.8%
VREF
VK=VREF, IK=10mA
2.48
2.50
2.52
V
Deviation of Reference Input Voltage
Over-Temperature
(Fig1)
VREF(dev)
VK=VREF, IK=10mA
Tmin≤Ta≤Tmax (-40~+125℃)
-
4.5
16
mV
IK=10mA,
ΔVK=10V to VREF
-
1.0
2.7
mV/V
Ratio of Change in Reference Input Voltage
to the Change in Cathode Voltage
(Fig2)
ΔVREF /
ΔVK
IK=10mA,
ΔVK=36V to 10V
-
0.5
2.0
mV/V
Reference Input Current
(Fig2)
IREF
IK=10mA, R1=10kΩ,
R2=∞
-
0.7
4
uA
Deviation of Reference Input Current Over
Full Temperature Range
(Fig2)
IREF(dev)
IK=10mA, R1=10kΩ,
R2=∞, Ta=-40~+125
oC
-
0.4
1.2
uA
Minimum Cathode Current for Regulation
(Fig1)
IK(min)
VK=VREF
-
0.4
1.0
mA
Off-State Cathode Current
(Fig3)
IK(off)
VK=36V, VREF=0
-
0.05
1.0
uA
Dynamic Output Impedance
(Fig1)
ZK
VK=VREF, f≤1kHz
IK=1 to 100mA
-
0.15
0.5
Ω
Functional Block Diagram
Symbol
Fig 1. VK=VREF
Fig 2. VK>VREF
Fig 3. Off-State Current
Reference
Anode
Cathode
IN
VK
II
IREF
VREF
IK
R1
II
VK
IN
IREF
IK
R2
VREF
Note: VK=VREF (1+R1/R2)+IREFxR1
IN
VK
IOFF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com