Electronic Components Datasheet Search
  English  ▼

X  

26010 Datasheet(PDF) 1 Page - Wiha Tools

Part # 26010
Description  SCREWDRIVERS AND NUT DRIVERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

26010 Datasheet(HTML) 1 Page - Wiha Tools

  26010 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20
Toll Free: (800) 494-6104 • USA | Toll Free: (800) 494-0096 • CANADA
Switch Cabinet Key
Item No. Description
Case Pack
21103
Switch Cabinet Key
3
Pen Style Control Cabinet Key
Item No. Description
Case Pack
21105
Control Cabinet Key
3
Plastic Precision Tool Rack
Item No. Description
Case Pack
26000
Holds 6 Prec. Drivers
3
Precision Slotted Screwdrivers
Item No. Description
Case Pack
26008
.8 x 40mm
10
26010
1.0 x 40mm
10
26012
1.2 x 40mm
10
26015
1.5 x 40mm
10
26018
1.8 x 40mm
10
26020
2.0 x 40mm
10
26022
2.0 x 50mm
10
26023
2.0 x 100mm
10
26025
2.5 x 50mm
10
26027
2.5 x 100mm
10
26028
2.5 x 150mm
10
26030
3.0 x 50mm
10
26032
3.0 x 60mm
10
26033
3.0 x 100mm
10
26034
3.0 x 150mm
10
26035
3.5 x 60mm
10
26040
4.0 x 60mm
10
26041
4.0 x 100mm
10
26042
4.0 x 150mm
10
Precision PicoFinish Slotted Screwdrivers
Item No. Description
Case Pack
26050
.8 x 40mm
10
26051
1.0 x 40mm
10
26052
1.2 x 40mm
10
26053
1.5 x 40mm
10
26055
1.8 x 40mm
10
26060
2.0 x 40mm
10
26061
2.0 x 60mm
10
26065
2.5 x 50mm
10
26066
2.5 x 75mm
10
26068
2.5 x 100mm
10
26070
3.0 x 50mm
10
26072
3.0 x 100mm
10
26074
3.5 x 60mm
10
26076
4.0 x 60mm
10
26079
4.0 x 100mm
10
6 Pc. Precision Slotted Screwdriver Set
Item No. Description
Case Pack
26090
Precision Slotted Screwdrivers
3
Slotted: 1.5, 2.0, 2.5, 3.0, 3.5, 4.0mm
7 Pc. Precision Slotted/Phillips Driver Set
Item No. Description
Case Pack
26092
Precision Slotted/Phillips Drivers
3
Slotted: 2.5 x 50mm, 2.5, 3.0, 4.0 x 100mm,
3.0, 4.0 x 150mm &
Phillips: #0
8 Pc. Precision PicoFinish Slotted Driver Set
Item No. Description
Case Pack
26093
PicoFinish Slotted Screwdrivers
3
Slotted: .8, 1.2, 1.5, 2.0, 2.5, 3.0,
3.5, 4.0mm
8 Pc. Precision Slotted Screwdriver Set
Item No. Description
Case Pack
26099
Prec. Slotted Drivers
3
Slotted: 1.0, 1.2, 1.5, 2.0, 2.5, 3.0, 3.5, 4.0mm
In
canvas
roll-up
pouch
In
Canvas
Pouch
Precision Phillips Screwdrivers
Item No. Description
Case Pack
26100
00 x 40mm
10
26101
00 x 75mm
10
26102
000 x 40mm
10
26105
0 x 50mm
10
26108
0 x 75mm
10
26109
0 x 150mm
10
26110
1 x 60mm
10
26113
1 x 80mm
10
26114
1 x 100mm
10
26115
1 x 150mm
10
Precision PicoFinish Phillips Screwdrivers
Item No. Description
Case Pack
26130
000 x 40mm
10
26132
00 x 40mm
10
26135
0 x 50mm
10
26136
0 x 75mm
10
26140
1 x 60mm
10
8 Pc. Precision Slotted/Phillips/Pliers Set
Item No. Description
Case Pack
26190
Precision Slot/Ph & Pliers Set
3
Slotted: 1.5, 2.0, 2.5, 3.0mm
Phillips: #00, 0, 1
6.3” Industrial SoftGrip Long Nose Pliers
PicoFinish Bit Holder Handle
Item No. Description
Case Pack
26003
Fits 4mm Micro Bits
3
PicoFinish Screwdriver Holder
Item No. Description
Case Pack
26004
Fits all Pico handles
3
25-Piece PicoFinish Precison Driver Set
Item No. Description
Case Pack
26091
PicoFinish 25pc. Set
1
Slotted: 1.5, 2.0, 2.5, 3.0mm
Phillips: #000, 00, 0, 1
TORX®: T4, T5, T6, T7, T8, T9, T10, T15
Hex Metric: 1.3 (.050”), 2.0, 2.5, 3.0mm
Pentelobe: PL1, PL2, PL4, PL5
Tri-Wing: Y000
SCREWDRIVERS AND NUT DRIVERS
Advanced technology in handle design, comfort and performance
8 Pc. PicoFinish Precision Set
Item No. Description
Case Pack
26187
Precision
3
Slotted: 1.5, 2.0, 2.5, 3.5mm
Phillips: #00, 0, 1


Similar Part No. - 26010

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
26010 WIHA-26010 Datasheet
3Mb / 1P
Wiha Precision Slotted/Phillips Drivers
logo
Turck, Inc.
2601000 TURCK-2601000 Datasheet
151Kb / 2P
Capacitive Sensor
11/07/2023
2601011 TURCK-2601011 Datasheet
830Kb / 2P
Capacitive Sensor
11/07/2023
logo
Integrated Technology F...
260101B ITF-260101B Datasheet
205Kb / 5P
SAW Bandpass Filter
2004-03-18
260102B ITF-260102B Datasheet
203Kb / 5P
SAW Bandpass Filter
2005-10-10
More results

Similar Description - 26010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W900837 ETC2-W900837 Datasheet
17Kb / 1P
Screwdrivers for Terminal Blocks
9845 ETC2-9845 Datasheet
109Kb / 1P
Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
D00031 ETC2-D00031 Datasheet
33Kb / 1P
Gearless Ratchet Screwdrivers
16112 ETC2-16112 Datasheet
231Kb / 1P
Wiha Cabinet Tip Screwdrivers
logo
PHOENIX CONTACT
SF-PH-0-60 PHOENIX-SF-PH-0-60 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-3-150 PHOENIX-SF-PH-3-150 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SZG-0 PHOENIX-SZG-0 Datasheet
80Kb / 4P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-1-80-S-VDE PHOENIX-SF-PH-1-80-S-VDE Datasheet
60Kb / 2P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZ-2-100-S-VDE PHOENIX-SF-PZ-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZSL-2-100-S-VDE PHOENIX-SF-PZSL-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com