Electronic Components Datasheet Search
  English  ▼

X  

76889 Datasheet(PDF) 2 Page - Wiha Tools

Part # 76889
Description  Go Box Impact Bit Set 32 Piece
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76889 Datasheet(HTML) 2 Page - Wiha Tools

  76889 Datasheet HTML 1Page - Wiha Tools 76889 Datasheet HTML 2Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Patented Wiha bit technology for optimized torsion zones
Wiha exclusive chrome-vanadium-molybdenum tool steel.
All Impact Bits are standard 1/4" Hex Drive
72 tooth mini ratched holds 1/4" impact bits
Impact Bits Included
Phillips #1, #2, #3,
Square #1, #2, #3,
Pozidriv® #1, #2, #3,
TORX® T10, T15, T20, T25, T27, T30, T40
Hex Inch 1/8, 9/64, 5/32, 3/16, 7/32, 1/4"
Hex Metric 3.0, 4.0, 5.0, 6.0mm
3 Hi-Vis Yellow Impact Bits
Phillips #1, #2, #3
Ratchet & Adapters
72 tooth mini ratchet
1/4" SlimFix Bit holder
1/4" hex to 1/4" square adapter
Additional Info
SKU
76889
Weight (lbs)
0.7300
California
Residents
Click for Proposition 65 warning
Head Type
phillips, hex metric, hex inch, torx, square, pozidriv, adapters, bit
holder
Bit Type
Impact
Bit Drive Size
1/4" Hex
UPC
084705768892



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com