Electronic Components Datasheet Search
  English  ▼

X  

HWS379 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS379
Description  GaAs DC-6 GHz DP4T Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS379 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS379 Datasheet HTML 1Page - Hexawave, Inc HWS379 Datasheet HTML 2Page - Hexawave, Inc HWS379 Datasheet HTML 3Page - Hexawave, Inc HWS379 Datasheet HTML 4Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HWS379
GaAs DC-6 GHz DP4T Switch
September 2005
V4
Hexawave Inc.
2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Typical Performance Data with 8pF
Capacitors @ +25°C
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
+32 dBm @ +3V
Control Voltage
+6V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Pin Out (Top View)
Note:
1. DC blocking capacitors CB=8pF are required on
all RF ports.
2. Exposed pad in the bottom must be connected to
ground by via holes.
Logic Table for Switch On-Path
VC1
VC3 VC2
VC4
ANT1
ANT2
0
1
1
0
RF1
RF3
1
0
1
0
RF3
RF1
0
1
0
1
RF2
RF4
1
0
0
1
RF4
RF2
‘1’ = +3V to +5V
‘0’ = 0V to +0.2V
GND
3
2
1
5
6
7
10
11
12
14
15
16
GND
4
8
9
13
GND
GND
CB
ANT1
CB
ANT2
CB
RF3
CB
RF2
Insertion Loss vs Frequency
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency(GHz)
Isolation vs Frequency
-40
-35
-30
-25
-20
-15
-10
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency(GHz)
SPDT part
DPDT part
Return Loss vs Frequency
-30
-25
-20
-15
-10
-5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency(GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com