Electronic Components Datasheet Search
  English  ▼

X  

HWS382 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS382
Description  GaAs DC-6 GHz SPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS382 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS382 Datasheet HTML 1Page - Hexawave, Inc HWS382 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS382
!
!
March 2004 V4
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
• Low Insertion Loss : 0.4 dB @ 2.5 GHz
0.5 dB @ 5.8 GHz
• Isolation:
24 dB @ 2.5 GHz
27 dB @ 5.8 GHz
• Low DC Power Consumption
• Miniature QFN12L (3x3 mm) Plastic Package
• PHEMT process
Description
The HWS382 is a GaAs PHEMT MMIC SPDT
switch operating at DC-6 GHz in a low cost
miniature QFN12L (3 x 3 mm) plastic package. The
HWS382 features low insertion loss and high
isolation with very low DC power consumption. This
switch can be used in IEEE 802.11a/b/g WLAN PC
card
and
access
point
applications
as
transmit/receive switch, antenna diversity switch, or
band-selection switch.
QFN12L (3 x 3 mm)
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
0.10-6.00 GHz
2.40-2.50 GHz
5.15-5.85 GHz
0.5
0.4
0.5
0.6
0.8
dB
dB
dB
Isolation
0.10-6.00 GHz
2.40-2.50 GHz
5.15-5.85 GHz
22
24
24
24
27
dB
dB
dB
Return Loss
0.10-6.00 GHz
2.40-2.50 GHz
5.15-5.85 GHz
12
10
15
20
18
dB
dB
dB
Input Power for One dB Compression
2.00-6.00 GHz
30
dBm
Control Current
5
100
uA
Note: All measurements made in a 50 ohm system with 0/+3.0V control voltages, unless otherwise specified.


Similar Part No. - HWS382

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS383 HW-HWS383 Datasheet
121Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS388 HW-HWS388 Datasheet
140Kb / 3P
GaAs 0.95-2.15 GHz 4x2 Switch Matrix
More results

Similar Description - HWS382

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6010G MACOM-MASW6010G Datasheet
90Kb / 2P
GaAs SPDT Switch DC-6 GHz
logo
Hexawave, Inc
HWS398 HW-HWS398 Datasheet
116Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS452 HW-HWS452 Datasheet
71Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS466 HW-HWS466 Datasheet
72Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS468 HW-HWS468 Datasheet
141Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS468_V2 HW-HWS468_V2_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS466_V5 HW-HWS466_V5_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS452_V5 HW-HWS452_V5_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com