Electronic Components Datasheet Search
  English  ▼

X  

HWS388 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS388
Description  GaAs 0.95-2.15 GHz 4x2 Switch Matrix
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS388 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS388 Datasheet HTML 1Page - Hexawave, Inc HWS388 Datasheet HTML 2Page - Hexawave, Inc HWS388 Datasheet HTML 3Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HWS388
!
!
March 2004 V2
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Typical Performance Data of Various States @ +25°C
Isolation* vs Frequency
-80
-70
-60
-50
-40
-30
-20
-10
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)
Insertion Loss vs Frequency
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
* Isolation is recorded above insertion loss.
Output Return Loss vs Frequency
-30
-25
-20
-15
-10
-5
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Input Return Loss(Off-Path) vs Frequency
-30
-25
-20
-15
-10
-5
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)
Input Return Loss(On-Path) vs Frequency
-30
-25
-20
-15
-10
-5
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com