Electronic Components Datasheet Search
  English  ▼

X  

7891 Datasheet(PDF) 1 Page - SNA Europe

Part # 7891
Description  Electronic Pliers & Cutters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINDSTROM [SNA Europe]
Direct Link  https://www.lindstromtools.com/
Logo LINDSTROM - SNA Europe

7891 Datasheet(HTML) 1 Page - SNA Europe

  7891 Datasheet HTML 1Page - SNA Europe  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
Order Code
L7285 Oblique full flushcutter with long jaws
and 45° cutting edge. For copper wire up to
1.0mm. Length 120mm.
135-6208
L7190 diagonal cutter with micro bevel cut-
ting edge for copper wire up to 1.25mm.
Length 109mm.
723-8393
L7191 as model 7190 but with flush cut.
723-8400
L7290 Oblique cutter with outer bevel edge
for copper wire up to 1.25mm. Length
108mm.
440-401
L7291 Oblique cutter with flush cut jaws for
copper wire up to 1.25mm. Length 108mm.
440-413
L7293 Oblique cutter with flush cut relieved
jaws. For copper wire up to 1mm. Length
108mm.
440-371
Price Each
Description
Order Code
L7490 Flat nose pliers with smooth grip jaws.
Length 130mm.
440-644
L7893 Snipe nose pliers with smooth grip
jaws. Length 120mm.
440-530
L7890 Long snipe nose pliers with smooth
grip jaws. Length 132mm.
440-577
L7891 Long snipe nose pliers with serrated
grip jaws. Length 132mm.
135-6210
Supreme Range
Precision pliers with forged box joint incorporating long contact surfaces. Fitted with double
leaf springs and plastic covered handles.
487143
Cutting
Gripping
Electronic Pliers & Cutters


Similar Part No. - 7891

ManufacturerPart #DatasheetDescription
logo
SNA Europe
7891 LINDSTROM-7891 Datasheet
251Kb / 2P
Supreme Cutters and Pliers
logo
Wixroyd Group Ltd
78910 WIXROYD-78910 Datasheet
204Kb / 1P
Pull Handles - Oval Type
78910.W0510 WIXROYD-78910.W0510 Datasheet
204Kb / 1P
Pull Handles - Oval Type
78910.W0520 WIXROYD-78910.W0520 Datasheet
204Kb / 1P
Pull Handles - Oval Type
78910.W0530 WIXROYD-78910.W0530 Datasheet
204Kb / 1P
Pull Handles - Oval Type
More results

Similar Description - 7891

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9845 ETC2-9845 Datasheet
109Kb / 1P
Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
8130 ETC1-8130 Datasheet
30Kb / 1P
Diagonal cutters oval
T2231 ETC1-T2231 Datasheet
145Kb / 2P
Pipe cutters
169-6510 ETC2-169-6510 Datasheet
34Kb / 1P
Electronic Professional Side Cutters
56801 ETC2-56801 Datasheet
198Kb / 1P
Electronic Diagonal Cutters
32695 ETC2-32695 Datasheet
217Kb / 1P
Wiha Vinyl Grip Pliers & Cutters
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
T123500 ETC2-T123500 Datasheet
344Kb / 2P
Pad Cutters, Insertion Tools
W11800 ETC2-W11800 Datasheet
224Kb / 7P
Hydraulic Rod and Bar Cutters
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com