Electronic Components Datasheet Search
  English  ▼

X  

HWS407 Datasheet(PDF) 3 Page - Hexawave, Inc

Part # HWS407
Description  GaAs DC-6 GHz DPDT Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS407 Datasheet(HTML) 3 Page - Hexawave, Inc

  HWS407 Datasheet HTML 1Page - Hexawave, Inc HWS407 Datasheet HTML 2Page - Hexawave, Inc HWS407 Datasheet HTML 3Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HWS407
!
!
March 2004 V3
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
+32 dBm @ +3V
Control Voltage
+6V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Pin Out (Top View)
Note:
1. DC blocking capacitors CB=8pF are required on all RF
ports.
2. Exposed pad in the bottom must be connected to
ground by via holes.
3. TX and RX ports can be used interchangeably.
Logic Table for Switch On-Path
VC1
VC2
VC3
VC4
On-Path
0
1
0
1
ANT1-RX
0
1
1
0
ANT1-TX
1
0
0
1
ANT2-RX
1
0
1
0
ANT2-TX
Note:
1. ‘1’ = +3V to +5V, ‘0’ = 0V to +0.2V
2. VC1 and VC2 are used for antenna selection, while
VC3 and VC4 are used for TX/RX selection.
3
2
1
4
5
6
7
8
9
10
11
12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com