Electronic Components Datasheet Search
  English  ▼

X  

HWS408 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS408
Description  GaAs DC-3 GHz SPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS408 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS408 Datasheet HTML 1Page - Hexawave, Inc HWS408 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS408
GaAs DC-3 GHz SPDT Switch
November 2006
V5
Hexawave Inc.
2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
• Low Insertion Loss: 0.4 dB @ 2.5 GHz
•
•
•
• Isolation: 25 dB @ 2.5 GHz
•
•
•
• Low DC Power Consumption
•
•
•
• Low Cost SOT-363 Plastic Lead (Pb) Free
Package
•
•
•
• Lead Free and RoHS (Restrict of Hazardous
Substances) Compliant Version of HWS314
Description
The HWS408 is a GaAs SPDT switch operating at
DC-3 GHz in a low cost SOT-363 plastic lead (Pb)
free package. The HWS408 features low insertion
loss with very low DC power consumption. This
switch can be used in many wireless digital
communication systems like IEEE 802.11b/g WLAN
and Bluetooth for transmit/receive selection or
antenna diversity function.
SOT-363
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
DC-2.5 GHz
2.5-3.0 GHz
0.4
0.5
0.6
0.7
dB
dB
Isolation
DC-2.5 GHz
2.5-3.0 GHz
21
20
25
23
dB
dB
Return Loss
DC-3.0 GHz
20
dB
Input Power for One dB Compression
0.5-3.0 GHz
@ 0/+3V
@ 0/+5V
30
34
dBm
dBm
Switching Time
20
ns
Control Current
5
100
uA
Note: All measurements made in a 50 ohm system with 0/+3V control voltages, unless otherwise specified.


Similar Part No. - HWS408

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
More results

Similar Description - HWS408

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW2000 MACOM-MASW2000 Datasheet
109Kb / 2P
GaAs SPDT Switch DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Hexawave, Inc
HWS429_V3 HW-HWS429_V3_15 Datasheet
76Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
GaAs DC-3 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com