Electronic Components Datasheet Search
  English  ▼

X  

DIO7004HBST5 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7004HBST5
Description  5.5V Low Loss Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7004HBST5 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7004HBST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7004HBST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7004HBST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7004HBST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7004HBST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7004HBST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7004HBST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7004HBST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7004HBST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DIO7004
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO7004• Rev 1.1
Ordering Information
Order Part
Number
Top
Marking
Recommended
Continuous
Current
EN/EN
Output
Discharge
Resistance
Package
DIO7004HAST5
4HAW
350mA
Active High
Yes
SOT23-5
Tape & Reel, 3000
DIO7004HBST5
4HBW
700mA
Active High
Yes
SOT23-5
Tape & Reel, 3000
DIO7004HCST5
4HCW
1A
Active High
Yes
SOT23-5
Tape & Reel, 3000
DIO7004HDST5
4HDW
1.5A
Active High
Yes
SOT23-5
Tape & Reel, 3000
DIO7004HEST5
4HEW
2A
Active High
Yes
SOT23-5
Tape & Reel, 3000
DIO7004LAST5
4LAW
350mA
Active Low
Yes
SOT23-5
Tape & Reel, 3000
DIO7004LBST5
4LBW
700mA
Active Low
Yes
SOT23-5
Tape & Reel, 3000
DIO7004LCST5
4LCW
1A
Active Low
Yes
SOT23-5
Tape & Reel, 3000
DIO7004LDST5
4LDW
1.5A
Active Low
Yes
SOT23-5
Tape & Reel, 3000
DIO7004LEST5
4LEW
2A
Active Low
Yes
SOT23-5
Tape & Reel, 3000
DIO7004HASO8
D704HA
350mA
Active High
Yes
SOIC-8
Tape & Reel, 2500
DIO7004HBSO8
D704HB
700mA
Active High
Yes
SOIC-8
Tape & Reel, 2500
DIO7004HCSO8
D704HC
1A
Active High
Yes
SOIC-8
Tape & Reel, 2500
DIO7004HDSO8
D704HD
1.5A
Active High
Yes
SOIC-8
Tape & Reel, 2500
DIO7004HESO8
D704HE
2A
Active High
Yes
SOIC-8
Tape & Reel, 2500
DIO7004LASO8
D704LA
350mA
Active Low
Yes
SOIC-8
Tape & Reel, 2500
DIO7004LBSO8
D704LB
700mA
Active Low
Yes
SOIC-8
Tape & Reel, 2500
DIO7004LCSO8
D704LC
1A
Active Low
Yes
SOIC-8
Tape & Reel, 2500
DIO7004LDSO8
D704LD
1.5A
Active Low
Yes
SOIC-8
Tape & Reel, 2500
DIO7004LESO8
D704LE
2A
Active Low
Yes
SOIC-8
Tape & Reel, 2500
DIO7004HAXM8
D704HA
350mA
Active High
Yes
EP-MSOP8
Tape & Reel, 3000
DIO7004HBXM8
D704HB
700mA
Active High
Yes
EP-MSOP8
Tape & Reel, 3000
DIO7004HCXM8
D704HC
1A
Active High
Yes
EP-MSOP8
Tape & Reel, 3000
DIO7004HDXM8
D704HD
1.5A
Active High
Yes
EP-MSOP8
Tape & Reel, 3000
DIO7004HEXM8
D704HE
2A
Active High
Yes
EP-MSOP8
Tape & Reel, 3000
DIO7004LAXM8
D704LA
350mA
Active Low
Yes
EP-MSOP8
Tape & Reel, 3000
DIO7004LBXM8
D704LB
700mA
Active Low
Yes
EP-MSOP8
Tape & Reel, 3000
DIO7004LCXM8
D704LC
1A
Active Low
Yes
EP-MSOP8
Tape & Reel, 3000
DIO7004LDXM8
D704LD
1.5A
Active Low
Yes
EP-MSOP8
Tape & Reel, 3000
DIO7004LEXM8
D704LE
2A
Active Low
Yes
EP-MSOP8
Tape & Reel, 3000
DIO7004HAMP8
D704HA
350mA
Active High
Yes
MSOP-8
Tape & Reel, 3000
DIO7004HBMP8
D704HB
700mA
Active High
Yes
MSOP-8
Tape & Reel, 3000
DIO7004HCMP8
D704HC
1A
Active High
Yes
MSOP-8
Tape & Reel, 3000
DIO7004HDMP8
D704HD
1.5A
Active High
Yes
MSOP-8
Tape & Reel, 3000
DIO7004HEMP8
D704HE
2A
Active High
Yes
MSOP-8
Tape & Reel, 3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com