Electronic Components Datasheet Search
  English  ▼

X  

DIO7004HCST5 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7004HCST5
Description  5.5V Low Loss Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7004HCST5 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7004HCST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7004HCST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7004HCST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7004HCST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7004HCST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7004HCST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7004HCST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7004HCST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7004HCST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DIO7004
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO7004• Rev 1.1
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameter
Rating
Unit
All pins
-0.3 to 6
V
Package Thermal Resistance
θJA ,SOT23-5
250
°C/W
θJA ,SOIC-8
130
θJA , EP-MSOP8
100
θJA , MSOP-8
166
Junction Temperature Range
150
°C
Lead Temperature (Soldering, 10 sec)
260
°C
Storage Temperature Range (TSTG)
-65 to 150
°C
ESD Susceptibility
HBM (Human Body Mode)
6
kV
CDM (Charged Device Mode)
2
Note: Input and output negative ratings may be exceeded if input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal performance to
the datasheet specifications. DIOO does not recommend exceeding them or designing to Absolute Maximum Ratings.
Parameter
Rating
Unit
IN
2.7 to 5.5
V
All other pins
0 to 5.5
V
Junction Temperature Range
-40 to 125
°C
Ambient Temperature Range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com