Electronic Components Datasheet Search
  English  ▼

X  

ETA7014S2G Datasheet(PDF) 3 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA7014S2G
Description  36V High Side Over-Voltage Protector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA7014S2G Datasheet(HTML) 3 Page - ETA SOLUTIONS CO. LIMITED

  ETA7014S2G Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA7014S2G Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA7014S2G Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA7014S2G Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA7014S2G Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA7014S2G Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA7014S2G Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA7014S2G Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ETA7014
www.etasolution.com
Empower, Transcend, Achieve!
ETA7014 Rev 2.1
3
PIN DESCRIPTION
SOT23-6
PIN #
NAME DESCRIPTION
1
FB
OVP Feedback Input Pin. A resistor divider from IN to AGND thru this pin.
VFB=1.26V. When FB floating, default OVP=6.1V.
2
EN
Enable Pin. Pull high to turn on the chip and pull low to shut down the chip.
3
OUT
Output Pin. Bypass with a 1uF capacitor from this pin to ground.
4
IN
A Power Input Pin. Bypass with a 10uF capacitor from this pin to ground.
5
VCC
The independent supply voltage for control logic and charge pump.
6
GND
Ground
DFN2x2-8
PIN #
NAME DESCRIPTION
1,2
OUT
Output Pin. Bypass with a 1uF capacitor from this pin to ground.
3,5
GND
Ground
4
EN
Enable Pin. Pull high to turn on the chip and pull low to shut down the chip.
6
FB
OVP Feedback Input Pin. A resistor divider from IN to AGND thru this pin.
VFB=1.26V. When FB floating, default OVP=6.1V.
7,8
IN
A Power Input Pin. Bypass with a 10uF capacitor from this pin to ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com