Electronic Components Datasheet Search
  English  ▼

X  

FNK03N02D Datasheet(PDF) 1 Page - FNK-Semiconductor

Part # FNK03N02D
Description  FNK N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FNK [FNK-Semiconductor]
Direct Link  
Logo FNK - FNK-Semiconductor

FNK03N02D Datasheet(HTML) 1 Page - FNK-Semiconductor

  FNK03N02D Datasheet HTML 1Page - FNK-Semiconductor FNK03N02D Datasheet HTML 2Page - FNK-Semiconductor FNK03N02D Datasheet HTML 3Page - FNK-Semiconductor FNK03N02D Datasheet HTML 4Page - FNK-Semiconductor FNK03N02D Datasheet HTML 5Page - FNK-Semiconductor FNK03N02D Datasheet HTML 6Page - FNK-Semiconductor FNK03N02D Datasheet HTML 7Page - FNK-Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Channel Enhancement Mode Power MOSFET
Description
The
uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.
General Features
●
VDS =30V,ID =140A
RDS(ON) <3.5 mΩ @ VGS=10V
RDS(ON) <4.0mΩ @ VGS=4.5V
●
High density cell design for ultra low Rdson
●
Fully characterized avalanche voltage and current
●
Good stability and uniformity with high EAS
●
Excellent package for good heat dissipation
●
Special process technology for high ESD capability
Application
●
Power switching application
●
Hard switched and high frequency circuits
●
Uninterruptible power supply
Schematic diagram
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
TO-263-2L
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
140
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
105
A
Pulsed Drain Current
IDM
560
A
Maximum Power Dissipation
PD
130
W
Derating factor
0.87
W/℃
Single pulse avalanche energy
(Note 5)
EAS
850
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
℃
FNK03N02D
FNK-Semiconductor
1/7
Jun.2017.Rev.1.0
To-263 Top View
FNK
FNK03N02D
FNK03N02D
FNK03N02D


Similar Part No. - FNK03N02D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FNK-ER12H BEL-FNK-ER12H Datasheet
2Mb / 13P
Front Load Pluggable Optical Transceiver
FNK-ER12M BEL-FNK-ER12M Datasheet
2Mb / 13P
Front Load Pluggable Optical Transceiver
FNK-ER12X BEL-FNK-ER12X Datasheet
2Mb / 13P
Front Load Pluggable Optical Transceiver
FNK-LT12H BEL-FNK-LT12H Datasheet
527Kb / 4P
Front Load Pluggable Optical Transceiver
FNK-LT12M BEL-FNK-LT12M Datasheet
527Kb / 4P
Front Load Pluggable Optical Transceiver
More results

Similar Description - FNK03N02D

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com