Electronic Components Datasheet Search
  English  ▼

X  

L4946B Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4946B
Description  QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4946B Datasheet(HTML) 5 Page - STMicroelectronics

  L4946B Datasheet HTML 1Page - STMicroelectronics L4946B Datasheet HTML 2Page - STMicroelectronics L4946B Datasheet HTML 3Page - STMicroelectronics L4946B Datasheet HTML 4Page - STMicroelectronics L4946B Datasheet HTML 5Page - STMicroelectronics L4946B Datasheet HTML 6Page - STMicroelectronics L4946B Datasheet HTML 7Page - STMicroelectronics L4946B Datasheet HTML 8Page - STMicroelectronics L4946B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VO4
Max Bat.Trans.
RO = 100
0Ω
Ramp VS from 14 to 60V in 3-5ms
6
V
Hold VS at 60V for 10ms
Ramp VS from60 to 14V in 3-5ms;
Tamb =25
°C;
all temps
4.85
4.75
5
5
6
5.15
5.25
V
V
V
VO4
Rev. Voltage Trans.
VS = -35V; t < 1ms; RO = 100
0Ω
Check VO4, standard Tamb =25
°C;
all temps
4.85
4.75
5
5
5.15
5.25
V
V
VO4
Rev. Voltage .
VS = -15V; RO = 1000
Ω
-0.4
1
V
Ripple rejection
fO =1KHz; 1VppAC ; VS =14V
IO1 = 90mA; IO2 = 125mA;
IO3 = 75mA; IO4 = 50mA;
50
dB
fO = 10KHz; 1VppAC ; VS =14V
IO1 = 90mA; IO2 = 125mA;
IO3 = 75mA; IO4 = 50mA;
50
dB
Output Noise (design only)
Check output for AC noise
using A weighted filter (20-
20KHz)
200
µV
Check output for AC noise
using 100kHz LP (20-100KHz)
400
µV
ON/OFF
Input Current
VS = 14V; VIH = >2V;
VS = 14V; VIL = <0.8V;
-10
1
µA
µA
VI ON/OFF
Input Threshold
VS = 14V VIL
VS = 14V VIH
0
2
0.8
5
V
V
VR
Reset Output Voltage Set
VS so that VO4 < 4.5V;
RO =200K
Ω to V04;VIL = ”0”
0
0.4
V
VS so that VO4 -0.15V;
RO =200K
Ω to V04;VIH =”1”
2.75
5
V
Reset and LVW Output Rise
Time
100
µs
LVW Output Threshold
Ramp VS down until LVW
switches from”1” to a ”0”
7.0
8.2
V
LVW and LVW Output Fall Time
150
µs
LVW Output Voltage
STCAP <7V;RO =200K
Ω to VO4;
VIL = ”0”
0
0.4
V
STCAP >8V;RO =200K
Ω to VO4;
VIH = ”1”
2.75
5
V
Reset Output Stability
VS is set such that 1 < V04 <
4V; IOUT4 = 2mA; VON/OFF =0
meas reset variation
50
mV
Iq
St-By Quiescent Current (
∆IS)VON/OFF =0V; IO4 = 100mA;
VS = 14V; IO1,2,3 = 0mA
20
mA
VON/OFF =0V; IO4 = 2mA;
Vbat = 14V; IO1,2,3 = 0mA
500
µA
Maximum Quiescent Current
(
∆IS)
VS = 14V; IO1 = 175mA;
IO2 = 275mA; IO3 = 200mA;
IO4 = 100mA; VO =5V
100
mA
STCAP Output Voltage
VS =24V;
VS = 60V. 1ms
15
17
18
V
V
Note 1:
The L4946 has ”Foldback” on its outputs during current limiting. As the output loading is increasing the current supplied by the L4946 increases
until a threshold is reached. When the current limiting threshold is reached, the L4946 output current will start to accrease as the loading is
continuoing to increase. The point where the output current stort to decrease is the maximum output current.
L4946
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com