Electronic Components Datasheet Search
  English  ▼

X  

RF2163 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2163
Description  3V, 2.5GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2163 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2163 Datasheet HTML 4Page - RF Micro Devices RF2163 Datasheet HTML 5Page - RF Micro Devices RF2163 Datasheet HTML 6Page - RF Micro Devices RF2163 Datasheet HTML 7Page - RF Micro Devices RF2163 Datasheet HTML 8Page - RF Micro Devices RF2163 Datasheet HTML 9Page - RF Micro Devices RF2163 Datasheet HTML 10Page - RF Micro Devices RF2163 Datasheet HTML 11Page - RF Micro Devices RF2163 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9 of 12
RF2163
Rev A6 DS060301
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Power sensing is implemented with the PWR SEN and PWR REF lines. The outputs of these pins are transistor collectors and
need to be pulled up to the supply through a resistor. PWR REF provides an output current proportional to the output stage bias
current, and PWR SEN provides an output current proportional to the total (RF and bias) current of the output stage. The pull-
lup resistors convert these currents to voltages, and the voltage difference between these two pins is proportional to the RF
current. See the graph, “VREF-VSENSE versus POUT”, for the response of this signal. This difference signal can be fed to a power
control circuit elsewhere in the end product, or it can be processed at the PA with additional circuitry and used to adjust the
VREG voltage(s) to implement automatic level control. Contact RFMD Sales or Applications Engineering for additional data and
guidance in using this feature.
The RF2163 has primarily been characterized with a voltage on VREG1 and VREG2 of 2.4VDC. However, the RF2163 will operate
from a wide range of control voltages. If you prefer to use a control voltage that is significantly different than 2.4VDC, contact
RFMD Sales or Applications Engineering for additional data and guidance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com