Electronic Components Datasheet Search
  English  ▼

X  

500024 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 500024
Description  SlimStack™
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

500024 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  500024 Datasheet HTML 1Page - Molex Electronics Ltd. 500024 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5000242481
Status:
Active
Description:
0.40mm (.016") Pitch Board-to-Board SlimStack™ Receptacle, Surface Mount, Dual
Row, Vertical, 0.95mm (.037") Mated Height, 24 Circuits, Lead-free
Documents:
3D Model
Product Specification PS-500024-011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-500024-010 (PDF)
General
Product Family
PCB Receptacles
Series
500024
Application
Board-to-Board
Comments
Solder Tab Plating: Lead-Free, Tin
Product Name
SlimStack™
Physical
Circuits (Loaded)
24
Color - Resin
Natural
Durability (mating cycles max)
10
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Mated Height (in)
0.037 In
Mated Height (mm)
0.95 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.016 In
Pitch - Mating Interface (mm)
0.40 mm
Plating min: Mating (µin)
4
Plating min: Mating (µm)
0.1
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Polarized to PCB
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.1A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Product Specification
PS-500024-010, PS-500024-011, RPS-500024-019,
RPS-500024-024, RPS-500024-025, RPS-500024-030,
RPS-500024-031, RPS-500024-032, RPS-500024-034,
RPS-500024-038, RPS-500024-039, RPS-500024-040,
RPS-500024-041
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500024Series
Mates With
500027


Similar Part No. - 500024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
500024-6471 MOLEX11-500024-6471 Datasheet
373Kb / 6P
0.40mm (.016") Pitch Board-to-Board SlimStack Receptacle, Surface Mount, Dual Row
5000246471 MOLEX11-5000246471 Datasheet
373Kb / 6P
0.40mm (.016") Pitch Board-to-Board SlimStack Receptacle, Surface Mount, Dual Row
More results

Similar Description - 500024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79527-5001 MOLEX-79527-5001 Datasheet
331Kb / 2P
SFP Cage Assemblies Multi-Port Stacked with SlimStack??Connectors
502430-2010 MOLEX-502430-2010 Datasheet
1Mb / 2P
SlimStack SMT Board-to-Board Connectors, with Ultra-Narrow
5024303010 MOLEX11-5024303010 Datasheet
485Kb / 7P
0.40mm (.016") Pitch SlimStack??Board-to-Board
5015310410 MOLEX11-5015310410 Datasheet
459Kb / 9P
0.40mm (.016") Pitch SlimStack??Board-to-Board
5015270530 MOLEX11-5015270530 Datasheet
437Kb / 8P
0.40mm (.016") Pitch SlimStack??Board-to-Board Receptacle
5024303210 MOLEX11-5024303210 Datasheet
485Kb / 8P
0.40mm (.016") Pitch SlimStack??Board-to-Board
5015270230 MOLEX11-5015270230 Datasheet
437Kb / 8P
0.40mm (.016") Pitch SlimStack??Board-to-Board Receptacle
5024262430 MOLEX11-5024262430 Datasheet
554Kb / 8P
0.40mm (.016") Pitch SlimStack??Board-to-Board Receptacle, SMT
5009130502 MOLEX11-5009130502 Datasheet
609Kb / 8P
0.40mm (.016") Pitch SlimStack??Board-to-Board Receptacle-Header
5009130402 MOLEX11-5009130402 Datasheet
609Kb / 8P
0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, Surface Mount, Dual 0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, Surface Mount, Dual
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com