Electronic Components Datasheet Search
  English  ▼

X  

5331 Datasheet(PDF) 3 Page - Kitronik Ltd

Part # 5331
Description  Compact Motor Driver Board for the Raspberry Pi Pico
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KITRONIK [Kitronik Ltd]
Direct Link  https://kitronik.co.uk/
Logo KITRONIK - Kitronik Ltd

5331 Datasheet(HTML) 3 Page - Kitronik Ltd

  5331 Datasheet HTML 1Page - Kitronik Ltd 5331 Datasheet HTML 2Page - Kitronik Ltd 5331 Datasheet HTML 3Page - Kitronik Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions
(Dimensions +/- 0.8mm)
63
35
Compact Motor Driver Board for the Raspberry Pi Pico
www.kitronik.co.uk/5331
Mounting holes are 3.3mm (M3 clearance) in diameter
The PCB is 1.6mm thick
55
3.5
(All measurements are given in mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com