Electronic Components Datasheet Search
  English  ▼

X  

8141589 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8141589
Description  Parallel gripper
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8141589 Datasheet(HTML) 2 Page - Festo Corporation.

  8141589 Datasheet HTML 1Page - Festo Corporation. 8141589 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Gripping force per gripper jaw at 6 bar, closing
120.3 N
Gripping force per gripper jaw at 6 bar, opening
60.15 N
Gripping force per gripper jaw at 6 bar, closing
60.15 N
Maximum force on gripper jaw Fz, static
100 N
Max. torque Mx
2.2 Nm
Max. torque My
1.12 Nm
Max. torque Mz
1.12 Nm
Product weight
339 g
Type of mounting
Direct mounting via through-hole
Direct fastening via thread
Pneumatic connection
M5
Note on materials
RoHS-compliant
Cover cap material
Wrought aluminum alloy, anodized
Cover material
Wrought aluminum alloy, anodized
End plate material
High-alloy stainless steel
Housing material
Wrought aluminum alloy, anodized
Gripper jaw material
High-alloy steel
Piston seal material
TPE-U(PU)
O-ring material
NBR
Material of screws
Steel, coated
Gear rack material
High-alloy stainless steel
1/5/26 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com