Electronic Components Datasheet Search
  English  ▼

X  

014332 Datasheet(PDF) 1 Page - Legrand North America, LLC

Part # 014332
Description  cylindrical cartridge fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

014332 Datasheet(HTML) 1 Page - Legrand North America, LLC

  014332 Datasheet HTML 1Page - Legrand North America, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
91
cylindrical cartridge fuses
HRC
For other ratings and types
Contact us on +44 (0) 845 605 4333
With a high breaking capacity
to suit industrial applications
Neutral links
10
0123 00
8 x 32
10
0133 00 10 x 38
10
0143 00 14 x 51
10
0153 00 22 x 58
Note : Numbers refer to physical size of fuse i.e. 10 x 38 means
Ø 10 mm x 38 mm length
Fuses with strikers are available on special request in specific ratings
Minimum pack quantities apply
Dimensions (p. 95)
0123 12
0123 04
0153 96
0143 10
Type gG
Conform to BS EN 60269-1, IEC 60269-1
Bureau Veritas approved
Rating
Voltage ±
Breaking
Without
(Amps)
(Volts)
capacity (Amps)
indicator
8 x 32
10
0123 01
1
10
0123 02
2
10
0123 04
4
10
0123 06
6
10
0123 08
8
400
20 000
10
0123 10
10
10
0123 12
12
10
0123 16
16
Pack
Cat. Nos.
Type gG industrial
HRC (high rupturing capacity)
Conform to BS EN 60269-1 and 2 (BS 88)
IEC 60269-1, 2 and 2-1
Bureau Veritas approved
Rating
Voltage ±
Breaking
Without
(Amps)
(Volts)
capacity (Amps)
indicator
10 x 38
10
0133 94
0·5
10
0133 01
1
10
0133 02
2
10
0133 04
4
10
0133 06
6
500
100 000
10
0133 08
8
10
0133 10
10
10
0133 12
12
10
0133 16
16
10
0133 20
20
10
0133 25
25
Without
striker
14 x 51
10
0143 02
2
10
0143 04
4
10
0143 06
6
10
0143 10
10
10
0143 16
16
500
100 000
10
0143 20
20
10
0143 25
25
10
0143 32
32
10
0143 40
40
10
0143 50
50
Without
striker
22 x 58
10
0153 10
10
10
0153 16
16
10
0153 20
20
10
0153 25
25
500
100 000
10
0153 32
32
10
0153 40
40
10
0153 50
50
10
0153 63
63
10
0153 80
80
10
0153 96
100
10
0153 97
125
400
0102 63
Pack
Cat. Nos.
Miniature type 5 x 20
Type F (fast acting) fuse
Ceramic body
Conform to IEC 60127-2
For use with transformers (see p. 106),
Viking 3 terminals (see p. 132) etc.
Rating
Voltage ±
Breaking
(Amps)
(Volts)
capacity (Amps)
10
0102 02
0·2
10
0102 05
0·5
10
0102 06
0·63
10
0102 10
1
10
0102 12
1·25
10
0102 16
1·6
10
0102 20
2
250
1 500
10
0102 25
2·5
10
0102 30
3·15
10
0102 50
5
10
0102 63
6·3
10
0102 96(1)
10
250
500
(1) Overrating not described by standards
088_095 IND 2012 v1.indd 91
088_095 IND 2012 v1.indd 91
02/05/2012 10:03
02/05/2012 10:03


Similar Part No. - 014332

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0143300000 WEIDMULLER-0143300000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 014332

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CY10X38G.5 LITTELFUSE-CY10X38G.5 Datasheet
387Kb / 1P
Cylindrical Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
Axial Lead & Cartridge Fuses
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
Axial Lead & Cartridge Fuses
CY10X38G05 LITTELFUSE-CY10X38G05 Datasheet
231Kb / 1P
CYLINDRICAL FUSES
Rev: 090319
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com