Electronic Components Datasheet Search
  English  ▼

X  

RF2878 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2878
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2878 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2878 Datasheet HTML 1Page - RF Micro Devices RF2878 Datasheet HTML 2Page - RF Micro Devices RF2878 Datasheet HTML 3Page - RF Micro Devices RF2878 Datasheet HTML 4Page - RF Micro Devices RF2878 Datasheet HTML 5Page - RF Micro Devices RF2878 Datasheet HTML 6Page - RF Micro Devices RF2878 Datasheet HTML 7Page - RF Micro Devices RF2878 Datasheet HTML 8Page - RF Micro Devices RF2878 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
RF IN
2
GND1
3
VPD
5GND2
4RF OUT
RF2878
3V LOW NOISE AMPLIFIER/
3V PA DRIVER AMPLIFIER
The RF2878 is a low noise amplifier with a very high dynamic range designed for
digital cellular applications. The device functions as an outstanding front end low
noise amplifier or power amplifier driver amplifier in the transmit chain of digital
subscriber units where low transmit noise power is a concern. When used as an
LNA, the bias current can be set externally. When used as a PA driver, the IC can
operate directly from a single cell Li-ion battery and includes a power down feature
that can be used to completely turn off the device. The IC is featured in a standard
SOT 5-lead plastic package.
NOTE: The RF2878 is a Pb-free product. If a non-Pb-free product with the same
functionality and package is desired, please see the RF2361.
Features
Low Noise and High Intercept
Point
Adjustable Bias Current
Power Down Control
Single 2.5V to 6.0V Power
Supply
150MHz to 2500MHz Opera-
tion
Extremely Small SOT 5-Lead
Package
Applications
TDMA/CDMA/FM Cellular
PCS LNA
Low Noise Transmit Driver
Amplifier
General Purpose Amplifica-
tion
Commercial and Consumer
Systems
RF2878
3V Low Noise Amplifier/ 3V PA Driver Amplifier
RF2878 PCBA-D
Fully Assembled Evaluation Board (Driver)
RF2878 PCBA-L
Fully Assembled Evaluation Board (LNA)
Rev A0 DS060206
RF28783V
Low Noise
Amplifier/ 3V
PA Driver
Amplifier
RoHS Compliant & Pb-Free Product
Package Style: SOT 5-Lead


Similar Part No. - RF2878

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2878 RFMD-RF2878 Datasheet
197Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
logo
Qorvo, Inc
RF2878 QORVO-RF2878 Datasheet
492Kb / 14P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
27 January 2003
logo
RF Micro Devices
RF2878PCBA-D RFMD-RF2878PCBA-D Datasheet
197Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878PCBA-L RFMD-RF2878PCBA-L Datasheet
197Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878 RFMD-RF2878_11 Datasheet
492Kb / 14P
LOW NOISE AMPLIFIER
More results

Similar Description - RF2878

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2347 RFMD-RF2347 Datasheet
237Kb / 8P
3V LOW NOISE AMPLIFIER/3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361 Datasheet
149Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2366 RFMD-RF2366 Datasheet
109Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369 Datasheet
257Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361_06 Datasheet
181Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369_06 Datasheet
306Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878 RFMD-RF2878 Datasheet
197Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369_1 Datasheet
408Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361_1 Datasheet
292Kb / 14P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
logo
Qorvo, Inc
RF2878 QORVO-RF2878 Datasheet
492Kb / 14P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
27 January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com