Electronic Components Datasheet Search
  English  ▼

X  

RF2861 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2861
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2861 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2861 Datasheet HTML 2Page - RF Micro Devices RF2861 Datasheet HTML 3Page - RF Micro Devices RF2861 Datasheet HTML 4Page - RF Micro Devices RF2861 Datasheet HTML 5Page - RF Micro Devices RF2861 Datasheet HTML 6Page - RF Micro Devices RF2861 Datasheet HTML 7Page - RF Micro Devices RF2861 Datasheet HTML 8Page - RF Micro Devices RF2861 Datasheet HTML 9Page - RF Micro Devices RF2861 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6 of 16
RF2861
Rev A3 DS050902
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Type Description
Interface Schematic
1G2
DI
Gain control logic input. See logic control table.
2LNA IN
AI
Cellular LNA input.
3LNA EMITTER
AO
Cellular LNA emitter. A small inductor connects this pin to ground.
Cellular LNA gain can be adjusted by the inductance.
See pin 2.
4LNA OUT
AO
Cellular LNA output. Simple external L-C components required for
matching and VCC supply.
See pin 2.
5ISET2
AO
An external resistor connected to this pin sets the current of the
mixer. Increasing resistance decreases current.
6ISET1
AO
An external resistor connected to this pin sets the current of the
LNA. Increasing resistance decreases current.
7G1
DI
Gain control logic input. See logic control table.
8
MIX IN
AI
Cellular mixer RF single-end input.
9IF OUT+
AO
CDMA IF output. Open collector.
10
IF OUT-
AO
CDMA IF output. Open collector.
See pin 9.
11
GND
P
Ground.
12
LO IN
AI
LO single-end input. Matched to 50
Ω.
13
VCC
P
LO amplifier VCC external bypass capacitor may be required.
14
LO OUT
AO
LO output. Internal DC block. Drives 50
Ω.
15
TX BUFF
ENABLE
DI
Logic input. High enables TX LO output buffer amplifiers.
G2
LNA IN
VCC
LNA OUT
LNA EMITTER
G1
MIX IN
IF OUT+
IF OUT-
LO IN
70
Ω
TX BUFF ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com