Electronic Components Datasheet Search
  English  ▼

X  

RF2722 Datasheet(PDF) 21 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RF2722_1 Datasheet HTML 17Page - RF Micro Devices RF2722_1 Datasheet HTML 18Page - RF Micro Devices RF2722_1 Datasheet HTML 19Page - RF Micro Devices RF2722_1 Datasheet HTML 20Page - RF Micro Devices RF2722_1 Datasheet HTML 21Page - RF Micro Devices RF2722_1 Datasheet HTML 22Page - RF Micro Devices RF2722_1 Datasheet HTML 23Page - RF Micro Devices RF2722_1 Datasheet HTML 24Page - RF Micro Devices RF2722_1 Datasheet HTML 25Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Receiver Configuration Register 1 (CRX1) - Address 100000
Receiver Configuration Register 2 (CRX2) - Address 100001
Location
Bit Name
Default
Description
CRX1(11)
reserved
0
Reserved
CRX1(10:7)
LO_PH_CAL
0000
I/Q Phase Calibration
CRX1(6)
CLK BYP
1
If set to zero, then the CLK_IN pin is AC-coupled. If set to one, then the CLK_IN pin is
DC-coupled.
CRX1(5)
CLKF
0
Input clock frequency select. (Must be set to 26MHz for normal
operation.) Programming this bit high activates a divide-by-two function on the
CLK_IN pin. Programming this bit low deactivates the divide-by-two function. The
DC offset correction circuitry requires a 26MHz clock for proper operation. There-
fore, CLKF should be programmed low if a 26MHz clock is provided to the
CLK_IN pin.
0=CLK_IN frequency is 26MHz
1=CLK_IN frequency is 52MHz
CRX1(4)
VCOSEL
0
When set to zero, the VCO is turned on and off by RX_EN. When programmed high,
the VCO is controlled by the VCOEN bit instead of RX_EN.
CRX1(3)
VCOEN
0
When VCOSEL is set to one, then VCOEN turns on and off the VCO. When VCOEN is
set to zero, the VCO is off. When VCOEN is set to one, the VCO is turned on.
CRX1(2)
TXSEL
1
If programmed high, the TX buffers are enabled by the TX_EN pin. If programmed
low, the TX buffers are enabled by CF[16].
CRX1(1:0)
TEST
00
Test Output Selection Bits: The GPO1 pin provides test signal outputs as well as
the activation signal for the RF6001 RX system. The available signals are
shown below.
00
Normal output of GPO1 pin
01
Serial data shifting through Configuration Registers
10
MSB bit of the VCO calibration counter
11
dcadapt counter 2 output
Programming Bits
# of Bits
Default
Description
CRX2(11)
DC_ST
0
If programmed high, the DC correction system is activated when the SDI word is
loaded. DC_ST will revert low once the DC correction system is activated. RX EN
needs to be high for DC_ST to operate correctly.
CRX2(10)
DC_EN
1
If programmed high, the DC correction system is activated on the rising edge of
RX_EN (default=1).
CRX2(9)
LND
0
If programmed high, the LNA’s are disabled during the time interval of the DC correc-
tion system.
CRX2(8)
TRD
0
If programmed high, GPO1 and GPO2 follow TRDC instead of the normal GP0 pro-
gramming during the time interval defined by DC_TIME2.
CRX2(7)
TRTX_EN
0
If programmed high, the functionality defined by TRTXA is active.
CRX2(6)
reserved
0
Reserved
CRX2(5:4)
TRDC
00
If TRD is set true, then during the time interval defined by DC_TIME2, GPO1
and GPO2 are reassigned as follows.
GPO1=TRDC[0]
GPO2=TRDC[1]
CRX2(3:2)
TRTXA
00
If TRTX_EN is programmed high, while TXEN pin is high the GPO outputs are
reassigned as follows:
GPO1=TRTXA[0]
GPO2=TRTXA[1]
CRX2(1:0)
GPO
00
The states of each bit within this word are transferred to the corresponding GP0 pin
as follows.
GPO1=GPO[0]
GPO2=GPO[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com