Electronic Components Datasheet Search
  English  ▼

X  

RF2850 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2850
Description  DIRECT QUADRATURE MODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2850 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2850 Datasheet HTML 1Page - RF Micro Devices RF2850 Datasheet HTML 2Page - RF Micro Devices RF2850 Datasheet HTML 3Page - RF Micro Devices RF2850 Datasheet HTML 4Page - RF Micro Devices RF2850 Datasheet HTML 5Page - RF Micro Devices RF2850 Datasheet HTML 6Page - RF Micro Devices RF2850 Datasheet HTML 7Page - RF Micro Devices RF2850 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
RF2850
Rev A0 DS050616
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
0.10
CA B
M
0.35
0.23
Pin 1 ID
0.20 R
2.25
1.95
SQ.
0.65
0.75
0.50
TYP
0.60
0.24
TYP
0.05 C
0.90
0.85
0.70
0.65
0.05
0.00
12°
MAX
-C-
SEATING
PLANE
Shaded lead is pin 1.
Dim ensions in m m.
0.10 C A
2 PLCS
-A-
4.00 SQ.
0.10 C B
2 PLCS
0.10 C B
2 PLCS
-B-
3.75 SQ
1.87 TYP
0.10 C A
2 PLCS
2.00 TYP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com