Electronic Components Datasheet Search
  English  ▼

X  

MBRD640 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBRD640
Description  Schotty Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRD640 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBRD640 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRD640 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schotty Barrier Rectifier
MBRD640
www.iscsemi.com
1
FEATURES
· Extremely Low Forward Drop
· Extremely Fast Switching
· Pb-Free and RoHS Compliant
APPLICATIONS
· Switching Power Supplies (SPS)
· Inverters
· Free Wheeling Diodes
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
40
V
IF(AV)
Average Rectified Forward Current
3×2
A
IFSM
Non-repetitive Peak Surge Current
(Surge applied at rated load conditions
half-wave, single phase, 60Hz)
75
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
6.0
℃
/W


Similar Part No. - MBRD640

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRD640CT MOTOROLA-MBRD640CT Datasheet
96Kb / 4P
SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
logo
ON Semiconductor
MBRD640CT ONSEMI-MBRD640CT Datasheet
103Kb / 6P
SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
logo
Frontier Electronics.
MBRD640CT FRONTIER-MBRD640CT Datasheet
124Kb / 2P
6A DUAL SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBRD640CT MCC-MBRD640CT Datasheet
483Kb / 3P
6 Amp Schottky Barrier Rectifier 40 Volts
logo
Won-Top Electronics
MBRD640CT WTE-MBRD640CT Datasheet
54Kb / 4P
6.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2019
More results

Similar Description - MBRD640

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSH10A04 NIEC-FSH10A04 Datasheet
57Kb / 6P
Schotty Barrier Diode
logo
Leshan Radio Company
LRB500V-40T1 LRC-LRB500V-40T1 Datasheet
54Kb / 3P
Surface Mount Schotty Diode
LRB501V-40T1 LRC-LRB501V-40T1 Datasheet
53Kb / 3P
Surface Mount Schotty Diode
logo
Fairchild Semiconductor
MBR20200CT FAIRCHILD-MBR20200CT Datasheet
100Kb / 4P
Dual High Voltage Schotty Rectifier
MBR20150CT FAIRCHILD-MBR20150CT Datasheet
100Kb / 4P
Dual High Voltage Schotty Rectifier
logo
Daya Electric Group Co....
SS12 DAYA-SS12 Datasheet
166Kb / 2P
1.0 AMP. Surface Mount Schotty Barrier Rectifiers
logo
Formosa MS
GBU20005 FORMOSA-GBU20005 Datasheet
360Kb / 2P
Barrier Rectifier
logo
Micro Commercial Compon...
SK34AL-TPS02 MCC-SK34AL-TPS02 Datasheet
196Kb / 3P
3 Amp Schotty Barrier Rectifier Low Vf Type 40 Volts
logo
First Silicon Co., Ltd
FDR501U FS-FDR501U Datasheet
172Kb / 3P
Surface Mount Schotty Diode
logo
SHIKUES Electronics
LL103A SKTECHNOLGY-LL103A Datasheet
819Kb / 4P
Small Signal Schotty Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com