Electronic Components Datasheet Search
  English  ▼

X  

LB-742 Datasheet(PDF) 4 Page - IDEAL INDUSTRIES, INC.

Part # LB-742
Description  Stripmaster® Wire Strippers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-INDUSTRIES [IDEAL INDUSTRIES, INC.]
Direct Link  https://www.idealindustries.com/us/en.html
Logo IDEAL-INDUSTRIES - IDEAL INDUSTRIES, INC.

LB-742 Datasheet(HTML) 4 Page - IDEAL INDUSTRIES, INC.

  LB-742 Datasheet HTML 1Page - IDEAL INDUSTRIES, INC. LB-742 Datasheet HTML 2Page - IDEAL INDUSTRIES, INC. LB-742 Datasheet HTML 3Page - IDEAL INDUSTRIES, INC. LB-742 Datasheet HTML 4Page - IDEAL INDUSTRIES, INC. LB-742 Datasheet HTML 5Page - IDEAL INDUSTRIES, INC. LB-742 Datasheet HTML 6Page - IDEAL INDUSTRIES, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
StripmaSter® Wire StripperS
StripmaSter® Wire StripperS
Custom Stripmaster® Lite Wire Strippers
• Custom Stripmaster® Lite is 3/4’s the size of Custom Stripmaster®
Wire Stripper and strips 16 through 30 AWG solid or stranded
wire
• Custom Stripmaster® Lite requires one-third less hand pressure
for each strip actuation
• Engineering Service and made-to-order blades available.
Contact factory for complete product and blade number listing.
Custom Stripmaster® Lite Wire Strippers and Die-type Blades
Specifications – Cutting Hole Diameter in Inches
Counterbore Diameter
Stripper
Cat. No.
Blade Only
Cat. No.
16
18
20
22
24
26
28
30
For MIL16878 Type E (600V)
.061/.081
.052/.070
.042/.0595
.034/.052
45-638
LB-918
.042/.0595
.034/.052
.028/.043
.023/.039
45-639
LB-919
.028/.043
.023/.039
.019/.035
.016/.032
45-640
LB-920
For MIL16878 Type EE (1000V)
.061./089
.052./0785
.042./067
.034/.0595
45-635
LB-915
.042./067
.034/.0595
.028/.055
.023/.0465
45-636
LB-916
.028/.055
.023/.0465
.019/.043
.016./042
45-637
LB-917
For Other Misc. Insulations
.062./096
.052./086
.042./073
.034/.0595
45-632
LB-912
.042./073
.034/.0595
.0292/.0595
.022/.052
45-633
LB-913
.024/.033
.018/.025
.020/.040
.016/.037
45-634
LB-914
Other Thin Insulations
.012/.020
45-641
LB-921
.024/.033
.018/.025
.014/.023
.012/.019
45-631
LB-911
Tolerances: Cutter Dia.: ± .001; Counter-bore Dia.: ± .002.
Description
Blade Gap (“x”) vertical height
Blade Only Cat. No.
Frame & Blade Cat. No.
Custom Steel frame only
N/A
N/A
LB-1091
Flat blade for 26 AWG (.40mm dia.) multi-conductor
.022 in.
LB-1151
45-890
Flat blade for 24 AWG (.00mm dia.) multi-conductor
.030 in.
LB-1152
45-891
Flat blade for 22 AWG (.64mm dia.) multi-conductor
.038 in.
LB-1153
45-892
Flat blade for 20 AWG (.00mm dia.) multi-conductor
.050 in.
LB-1154
45-893
Flat blade for 18 AWG (1.02mm dia.) multi-conductor
.060 in.
LB-1155
45-894
Flat blade for 16 AWG (1.29mm dia.) multi-conductor
.075 in.
LB-1156
45-895
Custom Steel Stripmaster® Wire Strippers and Special Flat-Blades for Ribbon and Multi-Conductor Cable



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com