Electronic Components Datasheet Search
  English  ▼

X  

HWS412 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS412
Description  GaAs 0.9-3.0 GHz 4x2 Switch Matrix
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS412 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS412 Datasheet HTML 1Page - Hexawave, Inc HWS412 Datasheet HTML 2Page - Hexawave, Inc HWS412 Datasheet HTML 3Page - Hexawave, Inc HWS412 Datasheet HTML 4Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HWS412
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
April 2004
V5
Hexawave Inc.
2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
• Four Inputs, Two Outputs Switch Matrix
• High Isolation
• Low DC Power Consumption
• Small TSSOP16 Plastic Package
• PHEMT process
Description
The HWS412 is a GaAs PHEMT 4x2 switch matrix
operating at 0.9 to 3.0 GHz in a low cost TSSOP16
plastic package. Any of the four inputs can be directed
to any of the two outputs. The HWS412 is suitable for
use in Direct Broadcast Satellite (DBS) switching
system or CATV applications.
TSSOP-16
Electrical Specifications at 25°C with 0V/+5V Control Voltages and 0 dBm Pin
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
0.90-3.00 GHz
5.5
7.0
dB
Insertion Loss Flatness
0.90-3.00 GHz
1.5
dB
Isolation (Above Insertion Loss)
0.90-1.50 GHz
1.50-2.15 GHz
2.15-3.00 GHz
33
29
25
36
33
30
dB
dB
dB
Input Return Loss
0.90-3.00 GHz
10
dB
Output Return Loss
0.90-3.00 GHz
13
dB
Control Current
Per One Control Pin
100
uA
Note: 1. All measurements made in a 50 ohm system with 0/+5.0V control voltages, unless otherwise specified.
2. ‘Isolation (Above Insertion Loss)’ =
∣‘isolation (off-state)’ – ‘insertion loss (on-state)’∣


Similar Part No. - HWS412

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS410 HW-HWS410 Datasheet
73Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS410_V4 HW-HWS410_V4_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS411 HW-HWS411 Datasheet
121Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS415 HW-HWS415 Datasheet
77Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
More results

Similar Description - HWS412

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC276QS24 HITTITE-HMC276QS24 Datasheet
420Kb / 8P
GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
logo
DAICO Industries, Inc.
DSWX5034 DAICO-DSWX5034 Datasheet
40Kb / 1P
(4x2) GaAs Switch Matrix
logo
Hittite Microwave Corpo...
HMC276LP4 HITTITE-HMC276LP4 Datasheet
511Kb / 8P
GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC596LP4 HITTITE-HMC596LP4 Datasheet
452Kb / 8P
SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_06 Datasheet
501Kb / 8P
GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
logo
Hexawave, Inc
HWS388 HW-HWS388 Datasheet
140Kb / 3P
GaAs 0.95-2.15 GHz 4x2 Switch Matrix
HWS428 HW-HWS428 Datasheet
103Kb / 4P
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
logo
Hittite Microwave Corpo...
HMC276LP4 HITTITE-HMC276LP4_09 Datasheet
342Kb / 8P
GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_09 Datasheet
357Kb / 8P
GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
logo
Hexawave, Inc
HWS428_V5 HW-HWS428_V5_15 Datasheet
106Kb / 4P
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com