Electronic Components Datasheet Search
  English  ▼

X  

L4948 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4948
Description  QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4948 Datasheet(HTML) 1 Page - STMicroelectronics

  L4948 Datasheet HTML 1Page - STMicroelectronics L4948 Datasheet HTML 2Page - STMicroelectronics L4948 Datasheet HTML 3Page - STMicroelectronics L4948 Datasheet HTML 4Page - STMicroelectronics L4948 Datasheet HTML 5Page - STMicroelectronics L4948 Datasheet HTML 6Page - STMicroelectronics L4948 Datasheet HTML 7Page - STMicroelectronics L4948 Datasheet HTML 8Page - STMicroelectronics L4948 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
L4948
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
4 OUTPUTS: 10V (300mA); 8V (400mA); 5V
(600mA); 5V (100mA)
ALL FOUR OUTPUTS ARE LOW DROP
5V (100mA) ST-BY OUTPUT VOLTAGE
EARLY WARNING OUTPUT FOR SUPPLY
UNDERVOLTAGE (LVW)
THERMAL
SHUTDOWN
AND
CURRENT
LIMITATION (FOLDBACK)
REVERSE BATTERY AND LOAD DUMP
PROTECTION
INHIBIT (ON/OFF) AND RESET FUNCTIONS
DESCRIPTION
The L4948 is a quad output low drop voltage
regulator. All four outputs are low drop: 10V at
300mA (VO1), 8V at 400mA (VO2), 5V at 600mA
(VO3) and a 5V st-by line at 100mA (VO4).
The IC includes a monitoring circuit to warn if a
low voltage or no voltage condition is occurring.
VO1,2,3 are off during st-by mode.
The STCAP pin allows the battery voltage to de-
cay slowly giving the
µP time to store data. This
IC is designed for supplying microcomputer con-
trolled systems specially in automotive applica-
tions.
June 2000
®
BLOCK DIAGRAM
Multiwatt 11
ORDERING NUMBER: L4948
MULTIPOWER BCD TECHNOLOGY
1/9


Similar Part No. - L4948

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
L4940D2T10 STMICROELECTRONICS-L4940D2T10 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
L4940D2T10-TR STMICROELECTRONICS-L4940D2T10-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
L4940D2T12 STMICROELECTRONICS-L4940D2T12 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
L4940D2T12-TR STMICROELECTRONICS-L4940D2T12-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
More results

Similar Description - L4948

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4946 STMICROELECTRONICS-L4946 Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
L4946B STMICROELECTRONICS-L4946B Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
Sep-1993
logo
TOKO, Inc
TK119XX TOKO-TK119XX Datasheet
134Kb / 23P
VOLTAGE REGULATOR WITH RESET OUTPUT
logo
STMicroelectronics
LHC4913 STMICROELECTRONICS-LHC4913 Datasheet
77Kb / 6P
3A POSITIVE LOW DROP VOLTAGE REGULATOR WITH INHIBIT FUNCTION
August 2002
logo
ON Semiconductor
NCV7425 ONSEMI-NCV7425 Datasheet
367Kb / 20P
LIN Transceiver with Voltage Regulator and Reset Pin
May, 2012 ??Rev. 1
logo
Taiwan Semiconductor Co...
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
logo
ON Semiconductor
NCV7425 ONSEMI-NCV7425_15 Datasheet
291Kb / 20P
LIN Transceiver with Voltage Regulator and Reset Pin
May, 2015 ??Rev. 3
logo
STMicroelectronics
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
Very low-dropout voltage regulator with inhibit function
03-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com