Electronic Components Datasheet Search
  English  ▼

X  

HWS415 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS415
Description  GaAs DC-6 GHz DPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS415 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS415 Datasheet HTML 1Page - Hexawave, Inc HWS415 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS415
GaAs DC-6 GHz DPDT Switch
September 2006
V4
Hexawave Inc.
2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
• Low Insertion Loss : 0.8 dB @ 2.5 GHz
1.0 dB @ 4.9 to 6.0 GHz
• High Isolation: 43 dB @ 2.5 GHz
36 dB @ 4.9 to 6.0 GHz
• Low DC Power Consumption
• Miniature QFN12L (3x3 mm) Plastic Lead (Pb)
Free Package
• PHEMT process
• Lead Free and RoHS Compliant Version of
HWS411
Description
The HWS415 is a GaAs PHEMT MMIC DPDT
switch operating at DC-6 GHz in a low cost
miniature QFN12L (3 x 3 mm) plastic lead (Pb) free
package. The HWS415 features low insertion loss
and high isolation up to 6 GHz with very low DC
power consumption. This switch can be used in
IEEE 802.11a/b/g WLAN systems for combination
of transmit/receive and antenna diversity functions.
QFN12L (3 x 3 mm)
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
0.1-6.0 GHz
2.4-2.5 GHz
4.9-6.0 GHz
1.0
0.8
1.0
1.3
dB
dB
dB
Isolation
(on/off or off/on)
0.1-6.0 GHz
2.4-2.5 GHz
4.9-6.0 GHz
26
36
43
36
dB
dB
dB
Isolation
(off/off)
2.4-2.5 GHz
4.9-6.0 GHz
10
17
dB
dB
Return Loss
0.1-6.0 GHz
2.4-2.5 GHz
4.9-6.0 GHz
15
20
18
dB
dB
dB
Input Power for One dB
Compression
2.0-6.0 GHz
30
dBm
Second Harmonic
Pin=20 dBm
-75
dBc
Third Harmonic
Pin=20 dBm
-75
dBc
Input Third Order Intermodulation
Intercept Point
20 dBm Per Tone @ 5.85 GHz
45
dBm
Switching Time
50
ns
Control Current
5
100
uA
Note: All measurements made in a 50 ohm system with 0/+3.0V control voltages, unless otherwise specified.


Similar Part No. - HWS415

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
More results

Similar Description - HWS415

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS383 HW-HWS383 Datasheet
121Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS410 HW-HWS410 Datasheet
73Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS420 HW-HWS420 Datasheet
74Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS436 HW-HWS436 Datasheet
84Kb / 3P
GaAs DC-6 GHz DPDT Switch
logo
Vitesse Semiconductor C...
HWS420_V3 VITESSE-HWS420_V3_15 Datasheet
53Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
Hexawave, Inc
HWS465_V4 HW-HWS465_V4_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS453_V3 HW-HWS453_V3_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS436_V3 HW-HWS436_V3_15 Datasheet
73Kb / 3P
GaAs DC-6 GHz DPDT Switch
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS410_V4 HW-HWS410_V4_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com