Electronic Components Datasheet Search
  English  ▼

X  

HWS416 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS416
Description  GaAs DC-2.5 GHz SPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS416 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS416 Datasheet HTML 1Page - Hexawave, Inc HWS416 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS416
GaAs DC-2.5 GHz SPDT Switch
September 2006
V3
Hexawave Inc.
2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
• Low Insertion Loss: 0.4 dB @ 2.5 GHz
•
•
•
• Isolation: 24 dB @ 2.5 GHz
•
•
•
• Low DC Power Consumption
•
•
•
• Low Cost SOT-26 Plastic Lead (Pb) Free
Package, RoHS Compliant
Description
The HWS416 is a GaAs SPDT switch operating at
DC-2.5 GHz in a low cost SOT-26 plastic lead (Pb)
free package. The HWS416 features low insertion
loss with very low DC power consumption. This
general purpose switch can be used in analog and
digital wireless communication systems.
SOT-26
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
DC-2.5 GHz
0.4
0.6
dB
Isolation
DC-2.5 GHz
21
24
dB
Return Loss
DC-2.5 GHz
20
dB
Input Power for One dB Compression
0.5-2.5 GHz
@ 0/+3V
@ 0/+5V
30
34
dBm
dBm
Input Third Order Intermodulation
Intercept Point
+5 dBm Per Tone @0.5-2.5GHz
@0/+3V
@0/+5V
45
50
dBm
dBm
Switching Time
20
ns
Control Current
5
100
uA
Note: All measurements made in a 50 ohm system with 0/+3V control voltages, unless otherwise specified.


Similar Part No. - HWS416

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS416_V4 HW-HWS416_V4_15 Datasheet
58Kb / 2P
2GaAs DC-2.5 GHz SPDT Switch
More results

Similar Description - HWS416

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS443 HW-HWS443 Datasheet
71Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0157 MA-COM-MASWSS0157 Datasheet
105Kb / 4P
GaAs SPDT Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com