Electronic Components Datasheet Search
  English  ▼

X  

RF2637 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2637
Description  RECEIVE AGC AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2637 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2637_1 Datasheet HTML 1Page - RF Micro Devices RF2637_1 Datasheet HTML 2Page - RF Micro Devices RF2637_1 Datasheet HTML 3Page - RF Micro Devices RF2637_1 Datasheet HTML 4Page - RF Micro Devices RF2637_1 Datasheet HTML 5Page - RF Micro Devices RF2637_1 Datasheet HTML 6Page - RF Micro Devices RF2637_1 Datasheet HTML 7Page - RF Micro Devices RF2637_1 Datasheet HTML 8Page - RF Micro Devices RF2637_1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
4
8
7
6
5
IN+
IN-
GND
GC
VCC1
VCC2
OUT+
OUT-
GAIN
CONTROL
RF2637
RECEIVE AGC AMPLIFIER
The RF2637 is a complete AGC amplifier designed for the receive section of 3V cel-
lular and PCS applications basestations. It is designed to amplify IF signals while
providing more than 90dB of gain control range. Noise Figure, IP3, and other speci-
fications are designed for basestations. The IC is manufactured on an advanced
high frequency SiGe process, and is packaged in a standard miniature 8-lead plas-
tic MSOP package.
Features
Supports Basestation Applica-
tions
-55dB to +51dB Gain Control
Range @ 85MHz
Single 3V Power Supply
-2dBm Input IP3
12MHz to 385MHz Operation
Applications
3V Basestation Systems
General Purpose Linear IF Ampli-
fier
Commercial and Consumer Sys-
tems
Portable Battery-Powered Equip-
ment
RF2637Receive AGC Amplifier
RF2637 PCBA
Fully Assembled Evaluation Board
Rev A5 DS050829
RoHS Compliant & Pb-Free Product
Package Style: MSOP-8


Similar Part No. - RF2637_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2637 RFMD-RF2637_13 Datasheet
194Kb / 9P
RECEIVE AGC AMPLIFIER
More results

Similar Description - RF2637_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
3V CDMA/FM RECEIVE AGC AMPLIFIER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
3V CDMA RECEIVE AGC AMPLIFIER
RF2667 RFMD-RF2667 Datasheet
129Kb / 10P
RECEIVE AGC AND DEMODULATOR
RF2690 RFMD-RF2690 Datasheet
259Kb / 16P
W-CDMA RECEIVE AGC AND DEMODULATOR
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
logo
ams AG
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
CDMA/FM RECEIVE AGC AMPLIFIER AS3802
logo
RF Micro Devices
RF2637 RFMD-RF2637 Datasheet
1,021Kb / 8P
RECEIVE AGC AMPLIFIER
RF2637 RFMD-RF2637_06 Datasheet
102Kb / 8P
RECEIVE AGC AMPLIFIER
RF2637 RFMD-RF2637_13 Datasheet
194Kb / 9P
RECEIVE AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com