Electronic Components Datasheet Search
  English  ▼

X  

VG95319 Datasheet(PDF) 1 Page - ITT Industries

Part # VG95319
Description  Circular
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

VG95319 Datasheet(HTML) 1 Page - ITT Industries

  VG95319 Datasheet HTML 1Page - ITT Industries VG95319 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet for part number CA3106F16-9P
Our Catalog Part Number: CA3106F16-9P
Brand: Cannon Product Category: Circular Product Line: MIL-DTL 5015 Series I Series: MIL-C-5015
Product Datasheet
Thread
Connector with threaded coupling
Shell Style
Plug, straight
Endbell Style
Endbell for flex tube
Gender
Pin
Shell Size
16
Contact Arrangement
16-9
Number of contacts
2 contacts size 12, 2 contacts size 16
Contact Type
Solder Cup
Contact Plating
Hard silver
Contacts installed
yes
Shielding
no
Contact Rating at +20 °C (68 °F)
(Size 15/15S/16/16S)
22 A
Contact Rating at +20 °C (68 °F)
(Size 25/12)
41 A
Contact Resistance
(Size 15/15S/16/16S)
6 mΩ
Contact Resistance (Size 25/12)
3 mΩ
Operating Voltage
In case of voltages greater than 50V the connector
must be used in accordance with DIN VDE part 410,
IEC 60364-4-41.
Insulator Resistance
Acc. To VG95319, part 2, test no. 5.12
and VG95210, part 32, test conditions B,
standard insulator material > 1000 MΩ
Test Voltage
1600 Vrms
Air and Creepage Paths (Min)
1,1 mm
Ambient Temperature
Standard insulator material -55°/+125°C
(-67/257°F)
Safety Provisions
IP65 acc. to DIN 40 050
Salt Spray Resistance
500 hours salt spray resistant
Mating Cycles
500 min
Sep. Force per Contact
(Size 15/15S/16/16S)
1,0 N
Sep. Force per Contact (Size 25/12)
1,5 N
Gage
For infos on Gage please see catalog
VG95234, part 1
Coupling Torque
Closing: 5,5 Nm max / Opening: 0,46 Nm min
Contact Retention
(Size 15/15S/16/16S)
35 N
Contact Retention (Size 25/12)
55 N
Shell Material
Aluminium alloy
Shell Plating
Olive drab chromate coating over cadmium plating
Insulator and Gromet Material
Neoprene
Contact Material
Copper alloy
Harnessing Info: Contact Cross-Section
See assembly instruction
Harnessing Info: Insulator Diameter
See assembly instruction
Wire Stripping
(Size 15/15S/16/16S)
6,2 mm
Specifications and dimensions subject to change.
Page 1 of 2


Similar Part No. - VG95319

ManufacturerPart #DatasheetDescription
logo
SOURIAU-SUNBANK Connect...
VG95328F0832PN SOURIAU-VG95328F0832PN Datasheet
624Kb / 7P
Hermetic and Small Bayonet Connectors Per MIL-DTL-26482 Series I
VG95328F0832PW SOURIAU-VG95328F0832PW Datasheet
624Kb / 7P
Hermetic and Small Bayonet Connectors Per MIL-DTL-26482 Series I
VG95328F0832PX SOURIAU-VG95328F0832PX Datasheet
624Kb / 7P
Hermetic and Small Bayonet Connectors Per MIL-DTL-26482 Series I
VG95328F0832PY SOURIAU-VG95328F0832PY Datasheet
624Kb / 7P
Hermetic and Small Bayonet Connectors Per MIL-DTL-26482 Series I
VG95328F0832PZ SOURIAU-VG95328F0832PZ Datasheet
624Kb / 7P
Hermetic and Small Bayonet Connectors Per MIL-DTL-26482 Series I
More results

Similar Description - VG95319

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
Circular Connectors
logo
Glenair, Inc.
892-001 GLENAIR-892-001 Datasheet
649Kb / 2P
Circular Threaded
892-002 GLENAIR-892-002 Datasheet
605Kb / 2P
Circular Breakaway
892-003 GLENAIR-892-003 Datasheet
676Kb / 2P
Circular Threaded
892-004 GLENAIR-892-004 Datasheet
544Kb / 2P
Circular Breakaway
892-005 GLENAIR-892-005 Datasheet
591Kb / 2P
Circular Threaded
893-008 GLENAIR-893-008 Datasheet
520Kb / 2P
Circular Breakaway
893-009 GLENAIR-893-009 Datasheet
613Kb / 2P
Circular Threaded
893-011 GLENAIR-893-011 Datasheet
1Mb / 3P
Circular Threaded
logo
TE Connectivity Ltd
1-1773922-5 TEC-1-1773922-5 Datasheet
3Mb / 54P
CIRCULAR BACKSHELLS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com