Electronic Components Datasheet Search
  English  ▼

X  

KD1084DT Datasheet(PDF) 3 Page - STMicroelectronics

Part # KD1084DT
Description  5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084DT Datasheet(HTML) 3 Page - STMicroelectronics

  KD1084DT Datasheet HTML 1Page - STMicroelectronics KD1084DT Datasheet HTML 2Page - STMicroelectronics KD1084DT Datasheet HTML 3Page - STMicroelectronics KD1084DT Datasheet HTML 4Page - STMicroelectronics KD1084DT Datasheet HTML 5Page - STMicroelectronics KD1084DT Datasheet HTML 6Page - STMicroelectronics KD1084DT Datasheet HTML 7Page - STMicroelectronics KD1084DT Datasheet HTML 8Page - STMicroelectronics KD1084DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
KD1084 SERIES
3/18
CONNECTION DIAGRAM (top view)
ORDERING CODES
(*) Available on request
(**) Available in Tape & Reel with the suffix "R" for fixed versions and "-R" for adjustable version
TO-220
D2PAK
D2PAK/A
DPAK
TO-220
D2PAK (**)
D2PAK/A
DPAK
OUTPUT
VOLTAGE
TOLERANCE
KD1084V15 (*)
KD1084D2T15
KD1084D2M15
KD1084DT15
1.5 V
2%
KD1084AV15 (*)
KD1084AD2T15
KD1084AD2M15
KD1084ADT15
1.5 V
1%
KD1084V18
KD1084D2T18
KD1084D2M18
KD1084DT18
1.8 V
2%
KD1084AV18
KD1084AD2T18
KD1084AD2M18
KD1084ADT18
1.8 V
1%
KD1084V25
KD1084D2T25
KD1084D2M25
KD1084DT25 (*)
2.5 V
2%
KD1084AV25
KD1084AD2T25
KD1084AD2M25
KD1084ADT25 (*)
2.5 V
1%
KD1084V28 (*)
KD1084D2T28 (*)
KD1084D2M28 (*)
KD1084DT28 (*)
2.85 V
2%
KD1084AV28 (*)
KD1084AD2T28 (*) KD1084AD2M28 (*)
KD1084ADT28 (*)
2.85 V
1%
KD1084V33
KD1084D2T33
KD1084D2M33
KD1084DT33
3.3 V
2%
KD1084AV33
KD1084AD2T33
KD1084AD2M33
KD1084ADT33
3.3 V
1%
KD1084V36
KD1084D2T36
KD1084D2M36
KD1084DT36
3.6 V
2%
KD1084AV36
KD1084AD2T36
KD1084AD2M36
KD1084ADT36
3.6 V
1%
KD1084V50
KD1084D2T50
KD1084D2M50
KD1084DT50 (*)
5.0 V
2%
KD1084AV50
KD1084AD2T50
KD1084AD2M50
KD1084ADT50 (*)
5.0 V
1%
KD1084V
KD1084D2T
KD1084D2M
KD1084DT
ADJ
2%
KD1084AV
KD1084AD2T
KD1084AD2M
KD1084ADT
ADJ
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com