Electronic Components Datasheet Search
  English  ▼

X  

MP010699 Datasheet(PDF) 2 Page - Multicomp Pro

Part # MP010699
Description  High Speed Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP010699 Datasheet(HTML) 2 Page - Multicomp Pro

  MP010699 Datasheet HTML 1Page - Multicomp Pro MP010699 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Speed Fuse
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Page <2>
16/01/23
V1.1
Important Notice : This data sheet and its contents (the
“Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information a nd the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or
restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Time Current Curve: 30-325 A
Time Current Curve: 350-800 A
Part Number Table
Description
Part Number
Fuse, EV High Speed, 80V DC, 50A, M10 Bolt
MP010693
Fuse, EV High Speed, 80V DC, 80A, M10 Bolt
MP010694
Fuse, EV High Speed, 80V DC, 100A, M10 Bolt
MP010695
Fuse, EV High Speed, 80V DC, 150A, M10 Bolt
MP010696
Fuse, EV High Speed, 80V DC, 200A, M10 Bolt
MP010697
Fuse, EV High Speed, 80V DC, 250A, M10 Bolt
MP010698
Fuse, EV High Speed, 80V DC, 300A, M10 Bolt
MP010699
Fuse, EV High Speed, 80V DC, 325A, M10 Bolt
MP010700
Fuse, EV High Speed, 80V DC, 400A, M10 Bolt
MP010701
Fuse, EV High Speed, 80V DC, 500A, M10 Bolt
MP010702



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com