Electronic Components Datasheet Search
  English  ▼

X  

ARS144469 Datasheet(PDF) 1 Page - Glamox

Part # ARS144469
Description  ARIS-W SINGLE WH E1/WR-ST-ST LO SIGN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

ARS144469 Datasheet(HTML) 1 Page - Glamox

  ARS144469 Datasheet HTML 1Page - Glamox ARS144469 Datasheet HTML 2Page - Glamox ARS144469 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2/2026
The Company reserves the right to change any product specifications without prior notification.
1/3
ARIS-W SINGLE WH E1/WR-
ST-ST LO SIGN
A modern one-sided wall-mounted emergency exit sign
luminaire with a uniform illumination of the sign due to a
large amount of low power LEDs.
E1 / WR-ST means that this item has a built-in emergency
light for minimum 1 hour duration. It tests itself according to
European
emergency
light
standards.
Wireless
communication is used to transmit the test results.
Item No.
ARS144469
GTIN
5903531444693
Stock status code
M
Technical specifications
Mounting
Product Mounting
Wall surface
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
2.7
IEC Protection Class
II
Certificates
Certification
HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IP classification
40
Light Technical Data
Light source
LED
Lumen Out (lm)
2
Lumen Per Watt (lm/W)
60
MacAdam step
3
Energy Class Light Source
C
Light Source Included
true
Driver / Ballast
Type of LED Driver
WR: Wireless Radio
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
LED Lifetime L80B50 Ta25 (h)
50 000
Emergency
Emergency Type
WR-ST: Wireless Radio Self-test
Emergency
Duration (hrs)
1
Charging power consumption
(Emg) (W)
1.5
Percentage Light Out In
Emergency
100
Reading distance sign (m)
25
Battery Type
LiFePO4
Battery Form
Stick
Battery mAh
1000
Battery Voltage (V)
6.4
Battery Sparepart No
SP-MY-413-LI1000L
Battery Termination
NS39
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Length (mm)
262
Width (mm)
34
Height (mm)
155
Item Net Weight (kg)
0.5152


Similar Part No. - ARS144469

ManufacturerPart #DatasheetDescription
logo
Glamox
ARS144470 GLAMOX-ARS144470 Datasheet
286Kb / 3P
ARIS-S DOUBLE WH E1/WR-ST-ST LO SIGN
More results

Similar Description - ARS144469

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD7743-000-00701N WINCHESTER-SD7743-000-00701N Datasheet
141Kb / 1P
JACKFIELD, SINGLE VIDEO, ST
logo
Pasternack Enterprises,...
PE700001-30 PASTERNACK-PE700001-30 Datasheet
119Kb / 1P
ST ATTENUATOR, SINGLE MODE
logo
PHOENIX CONTACT
3037119 PHOENIX-3037119 Datasheet
172Kb / 4P
ST 2,5 WH
3037177 PHOENIX-3037177 Datasheet
160Kb / 4P
ST 4 WH
3037339 PHOENIX-3037339 Datasheet
145Kb / 4P
ST 2,5-TWIN WH
3037449 PHOENIX-3037449 Datasheet
124Kb / 4P
ST 2,5-QUATTRO WH
1815950 PHOENIX-1815950 Datasheet
52Kb / 3P
IC 2,5/ 4-ST-5,08 WH
1815947 PHOENIX-1815947 Datasheet
77Kb / 3P
MSTB 2,5/ 4-ST-5,08 WH
3037397 PHOENIX-3037397 Datasheet
589Kb / 28P
Feed-through terminal block - ST 4-TWIN WH
3037054 PHOENIX-3037054 Datasheet
259Kb / 22P
Feed-through terminal block - ST 1,5 WH
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com