Electronic Components Datasheet Search
  English  ▼

X  

HWS428 Datasheet(PDF) 4 Page - Hexawave, Inc

Part # HWS428
Description  GaAs 0.9-3.0 GHz 4x2 Switch Matrix
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS428 Datasheet(HTML) 4 Page - Hexawave, Inc

  HWS428 Datasheet HTML 1Page - Hexawave, Inc HWS428 Datasheet HTML 2Page - Hexawave, Inc HWS428 Datasheet HTML 3Page - Hexawave, Inc HWS428 Datasheet HTML 4Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HWS428
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
September 2006
V4
Hexawave Inc.
1F, 2 Prosperity Road II, Science Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Pin Out (Top View)
Note:
1. DC blocking capacitors CB=51pF are required on all RF ports.
2. Exposed pad in the bottom must be connected to ground by via holes.
Logic Table for Switch On-Path
On Path
Control Pins
OUT1
OUT2
VC1
VC2
VC3
VC4
VC5
VC6
VC7
VC8
INA
-
1
0
1
0
-
-
-
-
INB
-
1
0
0
1
-
-
-
-
INC
-
0
1
1
0
-
-
-
-
IND
-
0
1
0
1
-
-
-
-
-
INA
-
-
-
-
1
0
1
0
-
INB
-
-
-
-
1
0
0
1
-
INC
-
-
-
-
0
1
1
0
-
IND
-
-
-
-
0
1
0
1
‘1’ = +5V
‘0’ = 0V
Recommended Operating Conditions
(TA=+25
oC)
Parameter
Min.
Typ.
Max.
Unit
Control Voltage (1)
+4.0
+5.0
+5.5
V
Control Voltage (0)
-0.5
0
+0.5
V
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
+15 dBm @ +6V
Control Voltage
+6V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1
INC
2
GND
3
IND
4
VC5
5
VC6
6
VC7
7
VC8
8
OUT2
16
INB
15
GND
14
INA
13
VC1
12
VC2
11
VC3
10
VC4
9
OUT1
CB
CB
CB
CB
CB
CB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com