Electronic Components Datasheet Search
  English  ▼

X  

HWS429 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS429
Description  GaAs DC-3 GHz SPDT Terminated Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS429 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS429 Datasheet HTML 1Page - Hexawave, Inc HWS429 Datasheet HTML 2Page - Hexawave, Inc HWS429 Datasheet HTML 3Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HWS429
GaAs DC-3 GHz SPDT Terminated Switch
October 2005
V2
Hexawave Inc. 1F, 2 Prosperity Road II, Science Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Typical Performance Data With
Application Circuit A @ +25°C
Typical Performance Data With
Application Circuit B @ +25°C
Isolation vs Frequency
-60
-55
-50
-45
-40
-35
-30
0.0
0.5
1.0
1.5
2.0
2.5
Frequency(GHz)
Insertion Loss vs Frequency
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.0
0.5
1.0
1.5
2.0
2.5
Frequency(GHz)
Return Loss vs Frequency
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
RFC
RF1, RF2 On
RF1, RF2 Off
Isolation vs Frequency
-50
-45
-40
-35
-30
-25
-20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency(GHz)
Insertion Loss vs Frequency
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency(GHz)
Return Loss vs Frequency
-35
-30
-25
-20
-15
-10
-5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
RFC
RF1, RF2 On
RF1, RF2 Off



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com