Electronic Components Datasheet Search
  English  ▼

X  

2109294 Datasheet(PDF) 2 Page - SICK AG

Part # 2109294
Description  Field-attachable connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2109294 Datasheet(HTML) 2 Page - SICK AG

  2109294 Datasheet HTML 1Page - SICK AG 2109294 Datasheet HTML 2Page - SICK AG 2109294 Datasheet HTML 3Page - SICK AG 2109294 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
YN12U13-2550K4051A | Field-attachable connectors
PLUG CONNECTORS AND CABLES
Ordering information
Type
Part no.
YN12U13-2550K4051A
2109294
Please consider the operational voltage of the connector. For sensors with an integrated cable and flying leads the opera-
tional voltage of the connector can be lower than the operational voltage of the sensor.
Other models and accessories
www.sick.com/Field-attachable_connectors
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Field-attachable connectors
Connection type head A
Male connector, M12, 3-pin, angled, A-coded
Connection type
IDC quick connection
Locking plug connector
Screw connection
Connector material
TPU
Connector color
Black
Locking nut material
Zinc die-cast, nickel-plated
Seal material
PUR
Tightening torque
0.6 Nm
Width across flats
13
Permitted cross-section
0.25 mm² ... 0.5 mm²
Reference voltage
32 V AC
32 V DC
Rated impulse voltage
0.8 kV
Current loading
4 A
Signal type
Sensor/actuator cable
Application
Zones with oils and lubricants
Authorizations
CE
Enclosure rating
IP67
Ambient operating temperature
Head –25 °C ... +85 °C
Contamination rating
3
Insulation resistance
100 MΩ
Overvoltage category
III
Specific insulation resistance
30 mΩ
2
PLUG CONNECTORS AND CABLES | SICK
Product data sheet | 2024-03-19 13:58:53
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com