Electronic Components Datasheet Search
  English  ▼

X  

RF2480 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2480
Description  DIRECT QUADRATURE MODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2480 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2480_1 Datasheet HTML 1Page - RF Micro Devices RF2480_1 Datasheet HTML 2Page - RF Micro Devices RF2480_1 Datasheet HTML 3Page - RF Micro Devices RF2480_1 Datasheet HTML 4Page - RF Micro Devices RF2480_1 Datasheet HTML 5Page - RF Micro Devices RF2480_1 Datasheet HTML 6Page - RF Micro Devices RF2480_1 Datasheet HTML 7Page - RF Micro Devices RF2480_1 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Σ
POWER
CONTROL
-45°
+45°
I REF
Q REF
GND2
GND2
GND2
LO
VCC1
PD
I SIG
Q SIG
GND1
GND1
GND1
VCC2
GND1
RF OUT
RF2480
DIRECT QUADRATURE MODULATOR
The RF2480 is a monolithic integrated quadrature modulator IC capable
of universal direct modulation for high-frequency AM, PM, or compound
carriers. This low-cost IC features excellent linearity, noise floor, and
over-temperature carrier suppression performance. The device imple-
ments differential amplifiers for the modulation inputs, 90° carrier phase
shift network, carrier limiting amplifiers, two matched double-balanced
mixers, summing amplifier, and an output RF amplifier which will drive
50
Ω from 800MHz to 2500MHz. Component matching is used to obtain
excellent amplitude balance and phase accuracy.
Features
Typical Carrier
Suppression>35dBc over
temperature with highly linear
operation
Single 5V Power Supply
Integrated RF quadrature net-
work
Digitally controlled Power
Down mode
800MHz to 2500MHz opera-
tion
Applications
Dual-Band CDMA Base Sta-
tions
TDMA/TDMA-EDGE Base Sta-
tions
GSM-EDGE/EGSM Base Sta-
tions
W-CDMA Base Stations
WLAN and WLL Systems
TETRA Systems
RF2480
Direct Quadrature Modulator
RF2480 PCBA
Fully Assembled Evaluation Board
Rev A4 DS060329
RF2480Direct
Quadrature
Modulator
RoHS Compliant & Pb-Free Product
Package Style: SOIC-16


Similar Part No. - RF2480_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2480_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
156Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_06 Datasheet
185Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
RFMD0014 RFMD-RFMD0014 Datasheet
2Mb / 10P
DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com