Electronic Components Datasheet Search
  English  ▼

X  

LD7765 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7765
Description  High Voltage Green-Mode PWM Controller with BNO Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7765 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7765 Datasheet HTML 1Page - Leadtrend Technology LD7765 Datasheet HTML 2Page - Leadtrend Technology LD7765 Datasheet HTML 3Page - Leadtrend Technology LD7765 Datasheet HTML 4Page - Leadtrend Technology LD7765 Datasheet HTML 5Page - Leadtrend Technology LD7765 Datasheet HTML 6Page - Leadtrend Technology LD7765 Datasheet HTML 7Page - Leadtrend Technology LD7765 Datasheet HTML 8Page - Leadtrend Technology LD7765 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LD7765
10/29/2012
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7765-DS-00
October 2012
High Voltage Green-Mode PWM Controller
with BNO Function
REV: 00
General Description
The LD7765 is a Green Mode PWM IC, featuring X-cap
discharge functions to reduce the discharge resistor loss
in less component counts.
The
LD7765
provides
HV
start-up,
green-mode
power-saving operation, internal slope compensation and
Soft-start functions which could minimize the power loss
and enhance the system performance.
With complete protection as OLP/ OVP/ OTP and
brown-in/out, this chip prevents the circuit from being
damaged in abnormal conditions.
Features
 High-Voltage (500V) Startup Circuit on HV pin
 Brown-in/out Function on HV pin
 X-Cap Discharge function on HV pin
 Frequency Trembling for EMI improve
 Green Mode Control for Power Saving
 Current Mode control with Slope Compensation
 OVP (Over Voltage Protection) on Vcc
 OLP (Over Load Protection)
 OTP (Over temperature protection)
 Soft Start
 Soft Driving
 +500mA/-800mA Driving Capability
Applications
 Switching AC/DC Adaptor and Battery Charger
 Open Frame Switching Power Supply
 LCD Monitor/TV Power
Typical Application
EMI
Filter
+
~
~
AC
Input
OTP
GND
COMP
CS
OUT
VCC
HV
DC
Output
LD7765


Similar Part No. - LD7765

ManufacturerPart #DatasheetDescription
logo
NEC
LD7710 NEC-LD7710 Datasheet
124Kb / 4P
14GHz, 40 W CW PPM FOCUSING, MINIMUM SIZE
LD7713 NEC-LD7713 Datasheet
54Kb / 6P
30 GHz, 20 W CW, Conduction Cooling, Mimimum Size
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
logo
Leadtrend Technology
LD7750 LEADTREND-LD7750 Datasheet
454Kb / 20P
High Voltage Green-Mode PWM Controller with Over Temperature Protection
LD7750A LEADTREND-LD7750A Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
More results

Similar Description - LD7765

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD7575 ETC2-LD7575 Datasheet
337Kb / 18P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
BCD Semiconductor Manuf...
AP3106 BCDSEMI-AP3106 Datasheet
345Kb / 11P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3106 DIODES-AP3106 Datasheet
593Kb / 10P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
Rev 2
logo
Unisonic Technologies
UC3869A UTC-UC3869A Datasheet
310Kb / 9P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
Leadtrend Technology
LD5760 LEADTREND-LD5760 Datasheet
726Kb / 20P
High Voltage Green-Mode PWM Controller with Brown-In/Out Function
LD5525 LEADTREND-LD5525 Datasheet
734Kb / 16P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Protection
LD7750A LEADTREND-LD7750A Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
logo
Princeton Technology Co...
RS2542 PTC-RS2542 Datasheet
254Kb / 5P
700V High Voltage Green Mode PWM Controller with Brownout
logo
List of Unclassifed Man...
OB5269 ETC1-OB5269 Datasheet
377Kb / 1P
High Voltage Green Mode PWM Controller
logo
Diodes Incorporated
AP3107Z DIODES-AP3107Z Datasheet
644Kb / 11P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
March 2015 Rev. 3 - 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com