Electronic Components Datasheet Search
  English  ▼

X  

RF2480 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2480
Description  DIRECT QUADRATURE MODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2480 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2480 Datasheet HTML 1Page - RF Micro Devices RF2480 Datasheet HTML 2Page - RF Micro Devices RF2480 Datasheet HTML 3Page - RF Micro Devices RF2480 Datasheet HTML 4Page - RF Micro Devices RF2480 Datasheet HTML 5Page - RF Micro Devices RF2480 Datasheet HTML 6Page - RF Micro Devices RF2480 Datasheet HTML 7Page - RF Micro Devices RF2480 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
RF2480
Rev A4 DS060329
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
15
Q SIG
Baseband input to the Q mixer. This pin is DC-coupled. Maximum output
power is obtained when the input signal has a peak to peak amplitude of
2V; for highly linear operation, the input signal (and output power) must be
reduced appropriately. The recommended DC level for this pin is 3.0V. The
peak minimum voltage on this pin (V
REF - peak modulation amplitude)
should never drop below 2.0V. The peak maximum voltage on this pin
(V
REF + peak modulation amplitude) should never exceed 4.0 V. See pin 1
for more details.
16
I SIG
Baseband input to the I mixer. This pin is DC-coupled. Maximum output
power is obtained when the input signal has a peak to peak amplitude of
2V; for highly linear operation, the input signal (and output power) must be
reduced appropriately. The recommended DC level for this pin is 3.0V. The
peak minimum voltage on this pin (V
REF - peak modulation amplitude)
should never drop below 2.0V. The peak maximum voltage on this pin
(V
REF + peak modulation amplitude) should never exceed 4.0 V. See pin 1
for more details.
425
Ω
425
Ω
100
Ω
100
Ω
Q REF
Q SIG
425
Ω
425
Ω
100
Ω
100
Ω
I REF
I SIG
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding
mold flash.
3. Lead coplanarity - 0.005 with
respect to datum "A".
0.050
0.018
0.014
0.157
0.150
0.393
0.386
0.244
0.229
8° MAX
0° MIN
0.034
0.016
0.009
0.007
0.068
0.053
0.008
0.004
-A-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com