Electronic Components Datasheet Search
  English  ▼

X  

P-22 Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # P-22
Description  Solderless splices PARALLEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

P-22 Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  P-22 Datasheet HTML 1Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
54
L
VP type/NP type
L
FVP type/FNP type
Non-insulated
Vinyl or nylon insulated
Certificate No.:
E42024
LR20812
JQ0607002
Certificate No.:
E42024
LR20812
Part No.
Standard
Dimensions mm (in.)
Applicable Wire
AWG# (mm2)
ø D
ø d1
L
Tool No.
YF-1, E-4
EP-1
Qty/box
22 to 16
16 to 14
12 to 10
8
6
4
2
1/0
2/0
3/0
4/0
250 to 300MCM
350MCM
400MCM
N.A.
600 to 650MCM
P-1.25
P-2
P-5.5
P-8
P-14
P-22
P-38
P-60
P-70
P-80
P-100
P-150
P-180
P-200
P-250
P-325
8.0 (.315)
8.0 (.315)
8.5 (.335)
9.5 (.374)
11.0 (.433)
13.5 (.531)
16.5 (.650)
19.0 (.748)
19.0 (.748)
19.5 (.768)
20.0 (.787)
27.0(1.063)
28.5(1.122)
32.0(1.260)
32.0(1.260)
37.0(1.457)
3.3 (.130)
4.1 (.161)
5.4 (.213)
7.0 (.276)
8.9 (.350)
11.3 (.445)
13.2 (.520)
15.3 (.602)
17.5 (.689)
19.5 (.768)
22.1 (.870)
26.4(1.039)
28.5(1.122)
32.4(1.276)
35.0(1.378)
37.0(1.457)
1.7 (.067)
2.3 (.091)
3.4 (.134)
4.5 (.177)
5.8 (.228)
7.7 (.303)
9.4 (.370)
11.4 (.449)
13.3 (.524)
14.5 (.571)
16.4 (.646)
19.5 (.768)
21.0 (.827)
24.0 (.945)
26.0(1.024)
28.0(1.102)
Red
Blue
Yellow
1,000
500
200
100
50
25
20
10
oo
oo
oo
oo
oo
o
o
o
oo
o
(0.25 to 1.65)
(1.04 to 2.63)
(2.63 to 6.64)
(6.64 to 10.52)
(10.52 to 16.78)
(16.78 to 26.66)
(26.66 to 42.42)
(42.42 to 60.57)
(60.57 to 76.28)
(76.28 to 96.3)
(96.3 to 117.2)
(117.2 to 152.05)
(152.05 to 192.6)
(192.6 to 242.27)
(250)
(242.27 to 325)
oo
o
o
o
o
o
o
o
ooo
oo
ooo
oo
ooo
oo
ooo
oo
o
o
o
o
o
o
o
oo
o
o
oo
o
o
oo
o
o
o
oo
oo
oo
oo
oo
o
o
o
oo
o
o
oo
oo
o
oo
Part No.
Vinyl
Standard
Dimensions mm (in.)
Applicable Wire
AWG# (mm2)
ø D
L
Tool No.
Color
Qty/box
12 to 10 (2.63 to 6.64)
VP-1.25
FVP-1.25
VP-2
FVP-2
VP-5.5
FVP-5.5
16.0 (.630)
16.0 (.630)
20.5 (.807)
8.0 (.315)
8.0 (.315)
8.5 (.335)
3.2 (.126)
4.0 (.157)
3.9 (.154)
4.5 (.177)
5.4 (.213)
6.8 (.268)
1,000
1,000
500
500
1,000
250
500
oo
oo
oo
oo
o
o
Nylon
Vinyl Nylon
22 to 16 *(0.25 to 1.65)
16 to 14 (1.04 to 2.63)
NP-1.25
FNP-1.25
NP-2
FNP-2
NP-5.5
FNP-5.5
Note:1) *The crimping will be more secure if the total cross-sectional area of the wire is at least 0.5 mm2.
Examples: If the cross-sectional area of the wire is 0.3mm2, fold the wire in two when crimping the terminal.
If the cross-sectional area of the wire is 0.5mm2, crimp the terminal onto the wire as it is.
2) "Applicable Wires" indicates the total cross-sectional area.
3) Delivery lead times may vary depending on the product. Contact JST for details.
Note :1) Products with the JIS mark
conform to JIS C2806.
2) "Applicable Wires" indicates the total cross-sectional area.
3) Delivery lead times may vary depending on the product. Contact JST for details.
o
o
o
Solderless splices
PARALLEL
VP
FVP
NP
FNP
Vinyl
Nylon
L


Similar Part No. - P-22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-22 ETC-P-22 Datasheet
97Kb / 1P
PARALLEL
More results

Similar Description - P-22

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
A41182 PANDUIT-A41182 Datasheet
67Kb / 1P
NYLON INSULATED BUTT SPLICES
logo
Molex Electronics Ltd.
0193190003 MOLEX4-0193190003 Datasheet
89Kb / 2P
Butt Splices VersaKrimp??350-450MCM
0193190004 MOLEX4-0193190004 Datasheet
89Kb / 2P
Butt Splices VersaKrimp??500-600MCM
0193190001 MOLEX4-0193190001 Datasheet
89Kb / 2P
Butt Splices VersaKrimp??250-350MCM
logo
Tyco Electronics
320569 MACOM-320569 Datasheet
258Kb / 30P
Standard Terminals and Splices
53041 MACOM-53041 Datasheet
153Kb / 6P
Standard Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
COPALUM Sealed Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
SOLISTRAND, Uninsulated Terminals and Splices
logo
List of Unclassifed Man...
62295-1 ETC2-62295-1 Datasheet
1Mb / 23P
AMPLIVAR Splices
logo
Vincotech
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
Solderless interconnection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com