Electronic Components Datasheet Search
  English  ▼

X  

HWS434 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS434
Description  GaAs DC-2.5 GHz SPDT Terminated Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS434 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS434 Datasheet HTML 1Page - Hexawave, Inc HWS434 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS434
GaAs DC-2.5 GHz SPDT Terminated Switch
September 2006
V2
Hexawave Inc. 1F, 2 Prosperity Road II, Science Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
• Low Insertion Loss : 0.70 dB @ 2 GHz
• High Isolation: 34 dB @ 2 GHz
• Low DC Power Consumption
• Miniature SOP-8 Plastic Lead (Pb) Free
Package, RoHS Compliant
• PHEMT process
Description
The HWS434 is a GaAs MMIC SPDT terminated
(non-reflective) switch in a low cost SOP-8 plastic
lead (Pb) free package. The HWS434 features low
insertion loss and high isolation with very low DC
power consumption. Typical applications include
CATV and basestation systems for either SPDT or
SPST functions.
SOP-8
Electrical Specifications at 25°C with 0, -5V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
DC-1.0 GHz
1.0-2.0 GHz
2.0-2.5 GHz
0.4
0.7
0.7
0.9
dB
dB
dB
Isolation
DC-1.0 GHz
1.0-2.0 GHz
2.0-2.5 GHz
27
43
34
30
dB
dB
dB
Return Loss
DC-2.5 GHz
12
dB
Input Power for One dB
Compression
0.5-2.5 GHz
28
dBm
Input Third Order Intermodulation
Intercept Point
0.5-2.5 GHz
48
dBm
Switching Time
50
ns
Control Current
30
300
uA
Note: All measurements made in a 50 ohm system with 0/-5V control voltages, unless otherwise specified.


Similar Part No. - HWS434

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS432 HW-HWS432 Datasheet
74Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS433 HW-HWS433 Datasheet
77Kb / 3P
GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS433_V3 HW-HWS433_V3_15 Datasheet
76Kb / 3P
GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435_V4 HW-HWS435_V4_15 Datasheet
58Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results

Similar Description - HWS434

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-337 ETC-SW-337 Datasheet
100Kb / 2P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS332 HW-HWS332 Datasheet
101Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0180TR-3000 MACOM-MASWSS0180TR-3000 Datasheet
106Kb / 4P
GaAs SPDT Terminated Switch DC - 2.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com