Electronic Components Datasheet Search
  English  ▼

X  

24AA025 Datasheet(PDF) 37 Page - Microchip Technology

Part # 24AA025
Description  2-Kbit I2C Serial EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA025 Datasheet(HTML) 37 Page - Microchip Technology

Back Button 24AA025 Datasheet HTML 33Page - Microchip Technology 24AA025 Datasheet HTML 34Page - Microchip Technology 24AA025 Datasheet HTML 35Page - Microchip Technology 24AA025 Datasheet HTML 36Page - Microchip Technology 24AA025 Datasheet HTML 37Page - Microchip Technology 24AA025 Datasheet HTML 38Page - Microchip Technology 24AA025 Datasheet HTML 39Page - Microchip Technology 24AA025 Datasheet HTML 40Page - Microchip Technology 24AA025 Datasheet HTML 41Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20001210Q-page 37
24AA024/24LC024/24AA025/24LC025
APPENDIX A:
REVISION HISTORY
Revision Q (08/2022)
Updated formatting to current template; Replaced ter-
minology “Master” and “Slave” with “Host” and “Client”
respectively. Updated Package Drawings.
Revision P (04/2015)
Corrected TBUF values; Corrected numbering of AC
parameters; Updated Product Identification System.
Revision N (10/2009)
Added 6-lead SOT-23 Package; Revised Sections 5.0,
5.1 and 6.3.
Revision M (10/2009)
Added E-temp; Revised Section 1.0; Table 1-2; Figure
1-1; 1st Line Marking Codes table in Section 9.1;
Product ID section.
Revision L (04/2008)
Replaced Package Drawings; Added TDFN package;
Revised Product ID section.
Revision K (03/2007)
Replaced Package Drawings (Rev. AM).
Revision J (02/2007)
Revised Features section; Revised Pin Function Table;
Changed 1.8V to 1.7V, Table 1-1 and Table 1-2;
Replaced Package Drawings; Replaced On-line
Support page; Revised Product ID section.
Revision H
Added DFN package.
Revision G
Added part number 24AA025 to document; Correction
to Section 1.0, Ambient Temperature.
Revision F
Corrections to Section 1.0, Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com