Electronic Components Datasheet Search
  English  ▼

X  

P270 Datasheet(PDF) 3 Page - TT Electronics.

Part # P270
Description  Panel Potentiometer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P270 Datasheet(HTML) 3 Page - TT Electronics.

  P270 Datasheet HTML 1Page - TT Electronics. P270 Datasheet HTML 2Page - TT Electronics. P270 Datasheet HTML 3Page - TT Electronics. P270 Datasheet HTML 4Page - TT Electronics. P270 Datasheet HTML 5Page - TT Electronics. P270 Datasheet HTML 6Page - TT Electronics. P270 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Panel Potentiometer
Model P270 / P271 / P272 / P278
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
© TT electronics plc
TT Electronics | BI Technologies
413 Rood RD, Suite 7
Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev - 04/2021 Page 3
Ordering Information
P270
-
S
F
2
2
B
R
100K
274
Part Family
P270
P271 (Center Tap)
P272 (Dual gang)
P278 (Heavy Duty)
Seal Type
D - Dust proof
S - Sealed
Shaft Type (See page 4)
S - Slotted
F - Flatted
P - Plain
Shaft Length - “L”
1 - .625”
2 - .875”
3 - 1.000”
4 - 2.000”
5 - .750”
Bushing Length “M”
1 - .250”
2 - .375”
3 - .500”
4 - .312
Resistance Taper (See page 7)
A - Audio (15A)
B - Linear (1B)
C - Reverse Audio (15C)
D - Audio (10A)
Resistance
See Resistance Table
Electrical Angle
Blank = 300°
292 = 292°
263 = 263°
284 = 284°
112 = 112°
274 = 274°
045 = 45°
270 = 270°
Resistance Table
Resistance (Ohms)
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000 500,000 1,000,000
200
Code
500
1K
2K
5K
10K
20K
50K
100K
200K
500K
1MEG
200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com