Electronic Components Datasheet Search
  English  ▼

X  

RF2442 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2442
Description  HIGH-LINEARITY LOW NOISE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2442 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2442 Datasheet HTML 4Page - RF Micro Devices RF2442 Datasheet HTML 5Page - RF Micro Devices RF2442 Datasheet HTML 6Page - RF Micro Devices RF2442 Datasheet HTML 7Page - RF Micro Devices RF2442 Datasheet HTML 8Page - RF Micro Devices RF2442 Datasheet HTML 9Page - RF Micro Devices RF2442 Datasheet HTML 10Page - RF Micro Devices RF2442 Datasheet HTML 11Page - RF Micro Devices RF2442 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 of 12
RF2442
Rev B8 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Gain vs. Output Level
(Freq = 881MHz)
10
15
20
25
30
-10
-5
0
5
10
15
Output Level (dBm)
Vcc=3.0, Noise Match
Vcc=3.0, Gmax Match
Vcc=3.6, Noise Match
Vcc=3.6, Gmax Match
Input IP3 vs. Input Level
(Freq = 881MHz)
-10
-5
0
5
10
-30
-25
-20
-15
-10
-5
Input Level (dBm)
Vcc=3.0, Noise Match
Vcc=3.0, Gmax Match
Vcc=3.6, Noise Match
Vcc=3.6, Gmax Match
Noise Figure vs. Frequency
0.0
0.5
1.0
1.5
2.0
2.5
800
850
900
950
1000
Frequency (MHz)
Vcc=3.0, Noise Match
Vcc=3.0, Gmax Match
Vcc=3.6, Noise Match
Vcc=3.6, Gmax Match
Output IP3 vs. Output Level
(Freq = 881MHz)
10
15
20
25
30
-10
-5
0
5
10
15
Output Level (dBm)
Vcc=3.0, Noise Match
Vcc=3.0, Gmax Match
Vcc=3.6, Noise Match
Vcc=3.6, Gmax Match
Output IM3 Level vs. Input Level
(Freq = 881MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-30
-25
-20
-15
-10
-5
Input Level, per tone (dBm)
Vcc=3.0, Noise Match
Vcc=3.6, Noise Match
Ideal IM3 Slope
Power Out vs. Power In
(Freq = 881MHz)
-10
-5
0
5
10
15
20
-30
-25
-20
-15
-10
-5
Input Level, single tone (dBm)
Vcc = 3.0V
Vcc = 3.6V
Ideal Gain Slope (3.6V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com