Electronic Components Datasheet Search
  English  ▼

X  

TMCS-28 Datasheet(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCS-28
Description  TMCS-28 Hardware Manual
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCS-28 Datasheet(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMCS-28 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMCS-28 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMCS-28 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCS-28 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCS-28 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCS-28 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCS-28 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCS-28 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCS-28 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TMCS-28 Hardware Manual • Hardware Version V1.00 | Document Revision V1.70 • 2021-APR-16
5 / 15
2 Technical Specications
2.1 Mechanical and Electrical Parameters
Parameter
Min Typ
Max
Unit
Supply voltage
4.5
5
5.5
V
Supply current
110
mA
Rise/fall time
10
ns
Frequency
1500 kHz
Output Voltage "‘H"’
2.4
V
Input Voltage "‘L"’
0.4
V
Max. output current
20
mA
Resolution (TMCS-28-x-10000-AT-01)
625
lpr (lines per rotation)
Resolution (TMCS-28-x-10000-AT-01)
40.000
cpr (increments per rotation)
Resolution (TMCS-28-x-1024-AT-01)
64
lpr (lines per rotation)
Resolution (TMCS-28-x-1024-AT-01)
4.096
increments (increments per rotation)
Table 2: Electrical Characteristics
Parameter
Min Typ
Max
Unit
Hollow Diameter (symbol D in drawings)
5 / 6.35
mm
Shaft Loading Axial
50
N
Shaft Loading Radial
80
N
Max. RPM
6000 rpm
Net weight
30
g
Table 3: Mechanical Specications
©2021 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com