Electronic Components Datasheet Search
  English  ▼

X  

RF2436 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2436
Description  TRANSMIT/RECEIVE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2436 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2436 Datasheet HTML 1Page - RF Micro Devices RF2436 Datasheet HTML 2Page - RF Micro Devices RF2436 Datasheet HTML 3Page - RF Micro Devices RF2436 Datasheet HTML 4Page - RF Micro Devices RF2436 Datasheet HTML 5Page - RF Micro Devices RF2436 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
RF2436
Rev A6 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Evaluation Board Schematic
Pin
Function
Description
Interface Schematic
1RX OUT
Output pin for Receive mode. VSWR is 1.1:1 when Receive mode is
selected and highly capacitive when Transmit mode is selected.
2GND
Ground connection. For best performance, keep traces physically short
and connect immediately to the ground plane.
3TX IN
Input pin for Transmit mode. The input VSWR is 1.1:1 when Transmit mode
is selected and highly capacitive when Receive mode is selected.
4TX/RX
Transmit Mode/Receive Mode control pin. A “low” level chooses Receive
mode; a “high” level chooses Transmit mode. CMOS logic may be used to
drive the control input.
5ANT I/O
Input/Output pin from/to antenna and power supply pin. This pin must be
biased with VDD through a resistor.
1
1.60
+ 0.01
0.400
2.80
+ 0.20
2.90
+ 0.10
0.45
+ 0.10
3° MAX
0° MIN
0.127
0.15
0.05
1.44
1.04
Dimensions in mm.
0.950
2436400-
1
2
3
5
4
C1
1 nF
C2
1 nF
C3
1 nF
50
Ω μstrip
TX/RX
J3
ANT I/O
VDD
R1
2 k
Ω
50
Ω μstrip
50
Ω μstrip
J1
RX OUT
J2
TX IN
P1-3
TX/RX
GND
P1-1
C4
1
μF
+
VDD
P1
1
2
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com