Electronic Components Datasheet Search
  English  ▼

X  

RF2442PCBA-M Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2442PCBA-M
Description  HIGH-LINEARITY LOW NOISE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2442PCBA-M Datasheet(HTML) 1 Page - RF Micro Devices

  RF2442PCBA-M Datasheet HTML 1Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 2Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 3Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 4Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 5Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 6Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 7Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 8Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
4
8
7
6
5
VCC1
GND1
RF IN
GND2
VCC2
NC
RF OUT
NC
RF2442
HIGH-LINEARITY LOW NOISE AMPLIFIER
The RF2442 is a low noise amplifier with a very high dynamic range
designed for the receive front end of digital cellular applications at
900MHz, 1900MHz, and 2400MHz. It is designed to amplify low level sig-
nals with minimum noise contribution while operating in the harsh, inter-
ference-rich environments of newly deployed digital subscriber units. The
device also functions as an outstanding PA driver amplifier in the transmit
chain of digital subscriber units where low transmit noise power is a con-
cern. The device supports trade-offs between linearity and current drain.
The designer has control of these trade-offs with the choice of an external
bias resistor. The IC is featured in a standard miniature 8-lead plastic
MSOP package.
Features
Low Noise and High Intercept
Point
External Bias Control
Single 2.5V to 5.0V Power
Supply
500MHz to 2500MHz Opera-
tion
Extremely Small MSOP-8
Package
Applications
TDMA/CDMA/FM Cellular Rx
LNA
TDMA/CDMA PCS Rx LNA
Low Noise Transmit Driver
Amplifier
ISM Band LNA/Driver
General Purpose Amplifica-
tion
Commercial and Consumer
Systems
RF2442
High-Linearity Low Noise Amplifier
RF2442 PCBA-L
Fully Assembled Evaluation Board (~900MHz)
RF2442 PCBA-M
Fully Assembled Evaluation Board (~1900MHz)
RF2442 PCBA-H
Fully Assembled Evaluation Board (~2400MHz)
Rev B8 DS080128
RoHS Compliant & Pb-Free Product
Package Style: MSOP-8


Similar Part No. - RF2442PCBA-M

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442PCBA-M RFMD-RF2442PCBA-M Datasheet
201Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
More results

Similar Description - RF2442PCBA-M

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_06 Datasheet
201Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-636P8 AVAGO-MGA-636P8 Datasheet
543Kb / 14P
High Linearity Low Noise Amplifier
logo
RFHIC
AE608 RFHIC-AE608_14 Datasheet
396Kb / 9P
Low-Noise High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-636P8 AVAGO-MGA-636P8_15 Datasheet
585Kb / 14P
High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
High Linearity Low Noise Amplifier
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
Low noise high linearity amplifier
Rev. 7-8 June 2017
BGU8053 NXP-BGU8053 Datasheet
225Kb / 16P
Low noise high linearity amplifier
Rev. 7-17 July 2017
BGU8062 NXP-BGU8062 Datasheet
270Kb / 18P
low-noise high-linearity amplifier
Rev. 2-24 January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com